Electronic Components Datasheet Search
  English  ▼

X  

500 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 500
Description  1/16 DIN Advanced, Full Featured PID Temperature Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

500 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  500 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 500 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
142
IEC/EN 61326 (EMI/EMC)
IEC/EN 61010 Revision 3 2010 Edition (Safety)
UL 61010 Revision 3 2010 Edition (Safety)
ORDERING INFORMATION
PART NO.
OUTPUT 1
OUTPUT 2
OUTPUT 3
COMMUNICATION
SUPPLY
(RS485)
VOLTAGE
ATC500000100
Relay
Relay
Relay
85-270V AC/DC
ATC500000400
Relay
Relay
Relay
Yes
85-270V AC/DC
ATC500010500
Relay
12V DC SSR
12V DC SSR
Yes
85-270V AC/DC
ATC500200100
4-20ma
Relay
Relay
85-270V AC/DC
ATC500200400
4-20ma
Relay
Relay
Yes
85-270V AC/DC
ATC500300100
0-10V
Relay
Relay
85-270V AC/DC
ATC500300400
0-10v
Relay
Relay
Yes
85-270V AC/DC
Note: Other models, options and accessories available. Please consult factory.
COMPLIANCE
DIMENSIONS
TERMINAL CONNECTIONS
46mm
100mm
10mm
48mm
1
L (+)
+
+
–
–
(-) N
+
–
+
–
COM1
COM3
NO3
COM2
NO2
NO2
TC+ /RTD1
ANA IP+
CT /
RS485
TC– /RTD2
ANA IP–
RTD3
2
3
4
5
11
12
13
14
15
6
7
8
9
10
CURus Cable Size (AWG): 16-13
Stud Hole for Lug (inch): 0.137
Tightening Torque (lb-inch): 7
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com