Electronic Components Datasheet Search
  English  ▼

X  

500 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 500
Description  1/16 DIN Advanced, Full Featured PID Temperature Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

500 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  500 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 500 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
141
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com
E339488
1/16 DIN Advanced, Full Featured
PID Temperature Controller
SPECIFICATIONS
DIGITS
4 digit, 7 segment LED Dual Display
Height of Upper display: 0.3785"
Height of Lower display: 0.2720"
LED INDICATIONS
Relay On, Alarm, Manual Mode, Tune
INPUTS
Thermocouple (J,K,T,R,S,C,E,B,N,L,U,W)
Platinel II, RTD (Pt100)
DC Analog Inputs (-5 to 56mv, 0 to 10v, 0 to 20 ma)
SAMPLING TIME
200 ms
INPUT FILTER (FTC) 0.2 to 10.0 sec
RESOLUTION
1/0.1 deg for TC/RTD only
Fixed 1 deg resolution for R&S Type TC)
Decimal point position selectable:
1/0.1/0.01/0.001 for analog input
TEMPERATURE
C/F deg selectable
UNIT:
INDICATION ACC:
For TC inputs 0.25% of F.S. ± 1°
R&S type TC inputs 0.5% of F.S. ± 2 deg
(20 min of warm up time for TC inputs)
For RTD inputs 0.1% of F.S. ± 1 deg
For Analog Input ± 0.5%, ± 1 digit
(F.S. = Full Scale)
CONTROL 1
Contact Rating (SPST):
OUTPUT
5a @ 230VAC / 30VDC resistive
SPECIFICATIONS
SSR Drive (Voltage Pulse):
18VDC 20ma
Current:
0/4 to 20ma dc (loop impedance 500 ohms max
Voltage:
0 to 5/10 VDC (load resistance 10K ohms min)
ALARM 2
Contact Rating (SPST):
OUTPUT
5a @ 230VAC / 30VDC resistive
SPECIFICATION
SSR DRIVE: 12VDC 20ma
FUNCTIONAL
Control Action: PID, On-Off
SPECIFICATION
Proportional Band (P): 0.0 to 400.0 deg
Integral Time (I): 0 to 3600 sec
Derivative Time (D): 0 to 200 sec
Cycle Time: 0.1 to 100.0 sec
Hysteresis Width: 0.1 to 99.9 deg
Manual Reset Value: -99.9 to 99.9 deg
HEAT COOL PID
Control Action: PID
Cycle Time: 0.1 to 100 sec
Proportional Gain: 0.0 to 400.0 deg
Deadband: Programmable from setpoint low
limits to setpoint high limit
ALARMS
Modes: Deviation high/low,
Absolute high/low, band, sensor break
Hysteresis: 0.1 to 99.9 deg
RAMP SOAK
Ramp Rage: 1 to 9999 deg/hr.
Soak Time: 0 to 1440 min
Soft Start Time: 0 to 999 min.
SUPPLY VOLTAGE
85 to 270V AC/DC (50/60 Hz)
POWER
6VA max @ 230 VAC
CONSUMPTION
RETRANSMISSION Current:
0/4 to 20ma DC
(loop impedance 500 ohms max)
Voltage:
0 to 5/10V DC
(load resistance 10k ohms min)
Update Rate: 100msec
SERIAL
Interface Standard: RS485
COMMUNICATION
Communication Address:
1 to 99, maximum of 32 units per line
Transmission mode: Half duplex
Transmission protocol: MODBUS RTU
Transmission distance: 500 m maximum
Transmission speed: 9600, 4800, 1200,
600, 300 bits/sec.
TEMPERATURE
Operating: 0 to 50°C (32 to 122°F)
Storage: -20 to 75°C (-4 to 167°F)
HUMIDITY
95% RH
(NON CONDENSING)
WEIGHT:
6.4 oz.
PROTECTION
IP65 for faceplate
LEVEL
• Dual Display, 4 digit, 7 segment LED
• TC/RTD Input, Analog Input
• ON/OFF, PID, PID Autotune
• C/F degrees selectable
• Heat Cool PID
• Ramp Soak
• Soft Start
• 1/16 DIN (48 x 48 mm)


Similar Part No. - 500

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
500 SWITCH-500 Datasheet
30Kb / 1P
JACK COVERS
logo
Make-Ps
500 MAKE-PS-500 Datasheet
193Kb / 4P
Single & Dual Output DC/DC Converter
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
logo
Honeywell Solid State E...
500 HONEYWELL-500 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
3M Electronics
500 3M-500 Datasheet
30Kb / 2P
Repulpable Barricade Tapes 500 Series
Feb-2009
More results

Similar Description - 500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
Full Featured N1 and ORing Power Rail Controller
logo
Red Lion Controls. Inc
T481010A REDLION-T481010A Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4820000 REDLION-T4820000 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
logo
SELEC Controls Pvt. Ltd
PID528 SELEC-PID528 Datasheet
728Kb / 2P
Basic PID Temperature Controller
PR502 SELEC-PR502 Datasheet
1Mb / 2P
Full Featured Profile Controller
TC518 SELEC-TC518 Datasheet
707Kb / 2P
Basic PID Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
PIDFuzzy Temperature Controller
logo
Texas Instruments
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
Full Featured N1 and ORing Power Rail Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com