Electronic Components Datasheet Search
  English  ▼

X  

550 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 550
Description  1/16 DIN Temperature Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

550 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  550 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 550 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
144
FOR RTD
Input
Ranges
Resolution
1
0.1
Pt100
°C
-150 to 850
-150 to 850
°F
-238 to 1562
-199 to 999
FOR THERMOCOUPLE
Input
Ranges
Resolution
1
0.1
J
°C
-199 to 750
-199 to 750
°F
-328 to 1382
-199 to 999
K
°C
-199 to 1350
-199 to 999
°F
-328 to 2462
-199 to 999
T
°C
-199 to 400
-199 to 400
°F
-328 to 750
-199 to 750
R & S
°C
0 to 1750
N/A
°F
32 to 3182
N/A
ORDERING INFORMATION
1
L (+)
N (–)
+
+
COM1
SSR1
+
SSR1
COM2
NO1
NO2
TC+ /RTD1
TC– /RTD2
RTD3
COM1
2
3
4
5
6
7
8
9
10
12
11
46mm
Panel Cutout
94 mm
4mm
52 mm
2 S
1 T
TERMINAL CONNECTIONS
DIMENSIONS
INPUT RANGES (TABLE 1)
PART NO.
CONTROL OUTPUT
AUXILARY OUTPUT
SUPPLY VOLTAGE
ATC550S00000
Relay
12V DC SSR
Relay
85-270V AC/DC
ATC550S10000
Relay
12V DC SSR
12V DC SSR
85-270V AC/DC
Note: Other models, options and accessories available. Please consult factory.
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com