Electronic Components Datasheet Search
  English  ▼

X  

550 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 550
Description  1/16 DIN Temperature Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

550 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  550 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 550 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
143
Automatic Timing & Controls
800.727.5646
atcdiversified.com
1/16 DIN Temperature Controller
E339488
• Dual Display, 4 digit, 7 segment LED
• TC/RTD
• PID ON/OFF Control
• 2 Setpoints
• °C/°F selectable
• Field selectable Control Output
(Relay or SSR)
• Auxiliary Output: Relay / SSR
• Easy to Use
Automatic Timing & Controls
800.727.5646
atcdiversified.com
FUNCTIONAL
SPECIFICATIONS
Control Action
1) PID
2) On-Off
Proportional Band (P): 1.0 to 400.0°
Integral Time (I) 0 to 9999 sec
Derivative Time (D) 0 to 9999 sec
Cycle Time 0.1 to 99.9 sec
Hysteresis Width: 0.1 to 99.9°
Manual Reset Value: -19.9 to 19.9°
HEAT COOL
Control Action
PID (with auto-tuning)
Proportional Band-Cool
0.0 to 400.0°
Cycle Time-Cool
0.1 to 99.9 sec
Deadband
Programmable from
setpoint low limit
to setpoint high limit
SETTINGS FOR
Modes
Deviation, Absolute
ALARM OUTPUT
Hysteresis
0.1 to 99.9°
SUPPLY VOLTAGE
85 to 270V AC/DC (50/60 Hz)
POWER
6VA max @ 230 VAC
CONSUMPTION
TEMPERATURE
Operating: 0 to 50°C
Storage: -20 to 75°C
HUMIDITY
95% RH
(NON CONDENSING)
WEIGHT:
5 oz.
PROTECTION
IP65 for faceplate
LEVEL
COMPLIANCE
IEC/EN 61326 (EMI/EMC)
IEC/EN 61010 Revision 3
2010 Edition (Safety)
UL 61010 Revision 3
2010 Edition (Safety)
SPECIFICATIONS
DIGITS
4 digit, 7 segment LED Dual Display
Height of Upper display: 0.3785"
Height of Lower display: 0.2720"
LED INDICATIONS
Relay On, Tune, Soak Time
INPUTS
Thermocouple (J,K,T,R,S) / RTD (Pt100)
SAMPLING TIME
250ms
INPUT FILTER (FTC) 0.2 to 10.0 sec
RESOLUTIION
0.1/1 (Fixed 1° for R & S type TC input)
TEMPERATURE UNIT°C / °F selectable
INDICATION
For J, K, & T inputs: 0.25% of F.S. ±1°
ACCURACY
For R & S inputs: 0.5% of F.S. ±2°
(20 min of warm up time for TC inputs)
For RTD inputs: 0.1% of F.S. ±1°
(F.S. = Full Scale)
OUTPUT SPECIFICATIONS
CONTROL
1
Contact Rating: 5A @250V AC / 30V DC, resistive
SSR Drive (Voltage Pulse): 12V DC ±10%,m50mA
ALARM
1
Contact Rating: 5A @ 230V AC / 30V DC, resistive
SSR Drive
12V DC (50mA)


Similar Part No. - 550

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
550 INTEL-550 Datasheet
1Mb / 96P
Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Oscilent Corporation
550 OSCILENT-550 Datasheet
132Kb / 2P
HCMOS / TTL
logo
Cornell Dubilier Electr...
550 CDE-550 Datasheet
454Kb / 8P
High Ripple, Long Life, Computer Grade
logo
Pulse A Technitrol Comp...
550 PULSE-550 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
France Joint
550 FRANCEJOINT-550 Datasheet
837Kb / 4P
PISTON SEALS
More results

Similar Description - 550

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
pH Controller 1/16 DIN
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
1/16 DIN Process Controller
logo
Red Lion Controls. Inc
P4810000 REDLION-P4810000 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811110 REDLION-P4811110 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
P4811112 REDLION-P4811112 Datasheet
422Kb / 8P
MODEL P48 - 1/16 DIN PROCESS CONTROLLER
T481010A REDLION-T481010A Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4810117 REDLION-T4810117 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4811103 REDLION-T4811103 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
T4820000 REDLION-T4820000 Datasheet
915Kb / 8P
MODEL T48 - 1/16 DIN TEMPERATURE CONTROLLER
logo
FOTEK CONTROLS CO., LTD...
H5-AN-PT-R4-S FOTEK-H5-AN-PT-R4-S Datasheet
1Mb / 3P
DIN 48X48 Temperature Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com