Electronic Components Datasheet Search
  English  ▼

X  

655 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 655
Description  Panel Mounted Digital Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

655 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  655 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 655 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
126
DIP SWITCH SETTING GUIDE
Eagle Part Number
655 Switch Settings
1 2 3 4 5 6 7
HP50A6
O O X O O O O
HP50A601
O O X O O X O
HP51A6
O O X O O O O
HP51A601
O O X O O X O
HP52A6
O X O O O O O
HP52A601
O X O O O X O
HP53A6
O X X O O O O
HP53A601
O X X O O X O
HP54A6
O X X O O O O
HP54A601
O X X O O X O
HP55A6
O X X O O O O
HP55A601
O X X O O X O
HP56A6
O X X O O O O
HP56A601
O X X O O X O
HP57A6
O X X O O O O
HP57A601
O X X O O X O
HP58A6
X O O O O O O
HP58A601
X O O O O X O
HP59A6
X O O O O O O
HP59A601
X O O O O X O
HP510A6
X O O O O O O
HP510A601
X O O O O X O
HP511A6
X O O O O O O
HP511A601
X O O O O X O
HP514A6
O O X O O O O
HP514A601
O O X O O X O
HP515A6
O O X O O O O
HP515A601
O O X O O X O
HP517A6
O O X O O O O
HP517A601
O O X O O X O
HP518A6
O X X O O O O
HP518A601
O X X O O X O
DIP SWITCH DEFINITIONS
0=OFF X=ON
1.Determine Eagle Model Number: To determine
the Model Number of the Eagle HP5; remove
timer from case by loosening the screw at the
lower front of the timer face and lift the mounting
handle and pull the timer from the case. The model number will be on
the left side of the timer. Some models will have a metal plate with the
part number, others have a label with the number in that same area.
2. Remove Control: Remove the 655 control from its case by loosening
the screw at the bottom of the chrome handle, lifting the handle up
and pulling the control forward.
3. Determine Switch Settings: Determine how the 655 DIP switches
should be set to retrofit that particular HP5 model using the DIP Switch
Setting Guide.
4. Set Time Base: Hold the control to expose the DIP switch assembly
on the bottom of unit and set the time base you require on switches 1,
2, and 3.
5. Set Timing Mode: To select the timing mode required, set switches
5, 6, and 7 on the switch assembly as recommended by the DIP Switch
Setting Guide.
6. Set Preset Time: Position the 655 control so that you are looking at
the keypad on the front of the unit. Push the SET button and four dashes will
appear. Depress the SET button a second time and word SET and four zeros
will appear. To enter the preset time desired, press the ENT button and preset
number will flash seven and go blank. The Model 655 timer is now ready to op-
erate and can be returned to its case or directly into the case of the HP5 that it
is replacing. To check or change the preset time; push the SET button and time
setting will be displayed. To change the preset time follow the same procedure
as indicated previously in this paragraph. When you have completed setting a
new preset time, push the ENT button. The preset time can be changed when
the 655 is running a cycle or "on the fly". That run cycle will be completed
based on the preset at the beginning of the cycle. The new preset will control
the next cycle.
NOTE: If the "SET" button is pushed to review or change the preset
time, the ENT button must be pushed to return the control to
the operating mode.
*NOTE: Dipswitch #8 inactive
SPECIFICATIONS (ALL MODELS)
TIMING
0.001 SEC to 19.999 SEC
RANGES
0.01 SEC to 199.99 SEC
0.1 SEC to 1999.9 SEC
1 SEC to 199 MIN 59 SEC
1 MIN to 199 Hr. 59 MIN
TIMING MODES
ON-Delay or Reverse Start Delay
RESET TIME
25 mSEC
CONTROL VOLTAGE 25 mSEC
INITIATE TIME
MEMORY
4000/4001 - EEPROM
5000/5001 Lithium Battery - Replaceable
POWER
5.2VA
CONSUMPTION
TIME SETTING
Front Panel Keypad
TIME REPEAT
± .005 SEC
ACCURACY
DISPLAY
LCD: 4-1/2 Digit, 7/16" High
RELAY
50,000,000 Operations
MECHANICAL LIFE
INSTANTANEOUS
7 Amps Resistive, 240 VAC
RELAY OUTPUT
2 N.O.
TIMED RELAY
7 Amps Resistive, 240 VAC
OUTPUT
2 N.O., 2 N.C. Contacts
SHORT CIRCUIT
1/4 Amp Fuse
PROTECTION
TEMPERATURE
32° to 140°F (0° to 60°C)
RATING
OPERATING POWER 120 or 240 VAC, +10%, -20%, 50/60 Hz.
TRANSIENT
Metal Oxide Varistor
VOLTAGE
PROTECTION
NEMA RATING
NEMA 12
TERMINALS
Screw Terminals
MOUNTING
Plug In Case
WEIGHT
Net: 25 oz. Shipping: 30 oz.
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com