Electronic Components Datasheet Search
  English  ▼

X  

655 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 655
Description  Panel Mounted Digital Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

655 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  655 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 655 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
125
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Panel Mounted Digital Timer
ORDERING INFORMATION
MODEL
NUMBER
DESCRIPTION
655-8-4000
Timer 120VAC W/EEPROM Memory
655-8-4001
Timer 240VAC W/EEPROM Memory
655-8-5000
Timer 120 VAC W/Battery Memory
655-8-5001
Timer 240 VAC W/Battery Memory
600-3-3950
Base Mounting Bracket
651-3-0128
Mounting Gasket, 1/8" Thick
(Included with Timer)
651-3-0129
Mounting Gasket, 1/4" Thick
(Included with Timer)
The ATC 655 timer is an electronic control that will retrofit most round case
electromechanical timers. the control performs the same timing modes
(ON-Delay or Reverse Start Delay) as electromechanical units, and it is
capable of timing ranges from 1 millisecond to 199 hours, 59 minutes.
On the bottom inside of the control are DIP switches which can be set, in
seconds, to establish the timing mode and time range. Our unit will plug
into competitive mounted cases without wiring changes in most instances.
Remove the electromechanical timer, set ours, plug it into the electrome-
chanical timer case and you’re ready to run. DIP switch setting instructions
for electromechanical timers are supplied with 655 installation instructions.
• Direct Replacement For Electromechanical Timers
• Two Timing Modes
• Data Retention with EEPROM Memory or Battery
(included with timer).
• Five Time Ranges
• Simple Keypad Time Setting
• Sealed Faceplate
• Keypad Lockout of Time Setting
• Easy Programming
• Instantaneous Contacts Directly Track the Control Input
DIMENSIONS (INCHES/MILLIMETERS)
model 600-3-3950 surface mounting bracket
WIRING
E205980
Replacement lithium batteries - Old ATC Part #652-3-0130 is not
available. Use TADIRAN#TL-5902/S SAFT, #LS14250 or
EAGLE-PICHER #PT-2150 from most electrical distributers.
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 655

ManufacturerPart #DatasheetDescription
logo
Littelfuse
655 LITTELFUSE-655 Datasheet
76Kb / 1P
MINIATURE FUSEHOLDERS
logo
France Joint
655 FRANCEJOINT-655 Datasheet
1Mb / 2P
PISTON SEALS
logo
Abbatron All Rights Res...
655 ABBATRON-655 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
France Joint
655.070 FRANCEJOINT-655.070 Datasheet
1Mb / 2P
PISTON SEALS
655.075 FRANCEJOINT-655.075 Datasheet
1Mb / 2P
PISTON SEALS
More results

Similar Description - 655

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PM-003 JFW-50PM-003 Datasheet
26Kb / 1P
PANEL MOUNTED ROTOR
50PM-009 JFW-50PM-009 Datasheet
26Kb / 1P
PANEL MOUNTED ROTOR
logo
Omron Electronics LLC
H5CL OMRON-H5CL Datasheet
158Kb / 12P
Digital Timer
logo
JFW Industries, Inc.
50PM-114-XX JFW-50PM-114-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
50PM-119-XX JFW-50PM-119-XX Datasheet
31Kb / 2P
PANEL MOUNTED ROTOR
50PM-120-XX JFW-50PM-120-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
50PM-121-XX JFW-50PM-121-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
50PM-122-XX JFW-50PM-122-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
50PM-125-XX JFW-50PM-125-XX Datasheet
27Kb / 1P
PANEL MOUNTED ROTOR
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
Multifunction Digital timer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com