Electronic Components Datasheet Search
  English  ▼

X  

D8255 Datasheet(PDF) 3 Page - Digital Core Design

Part # D8255
Description  Programmable Peripheral Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

D8255 Datasheet(HTML) 3 Page - Digital Core Design

  D8255 Datasheet HTML 1Page - Digital Core Design D8255 Datasheet HTML 2Page - Digital Core Design D8255 Datasheet HTML 3Page - Digital Core Design D8255 Datasheet HTML 4Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Group A and Group B Controls
- The func-
tional configuration of each port is pro-
grammed by the systems software. In es-
sence, the CPU “outputs”' a control word to
the D8255. The control word contains infor-
mation such as “mode”', “bit set”, “bit reset”,
etc., that initializes the functional configura-
tion of the D8255. Each of the Control blocks
(Group A and Group B) accepts “commands”
from the Read/Write Control Logic, receives
“control words” from the internal data bus and
issues the proper commands to its associated
ports.
Group A - Port A and upper half of Port C
Group B - Port B and lower half of Port C
The control word register can be both written
and read. Figure below shows the control
word format for both Read and Write opera-
tions. When the control word is read, bit D7
will always be a logic “1”, as this implies con-
trol word mode information.
clk
Data Bus
Buffer
&
Control
Logic
rst
rd
wr
cs
Group A
Control
Group A
Port A
datai
datao
a1
a0
portai[7:0]
portao[7:0]
Group A
Port C
Upper
portci[7:4]
portco[7:4]
Group B
Control
Group B
Port C
Lower
portci[3:0]
portco[3:0]
Group B
Port B
portbi[7:0]
portbo[7:0]
Ports A, B, and C -
The D8255 contains
three 8-bit ports. All can be configured in a
wide variety of functional characteristics by
the system software but each has its own
special features or “personality” to further
enhance the power and flexibility of the
D8255.
Port A -
One 8-bit data output latch/buffer
and one 8-bit input latch buffer. Both „pull-up''
and “pulldown” bus hold devices are present
on Port A.
Port
B
- One 8-bit data input/output
latch/buffer. Only „pull-up'' bus hold devices
are present on Port B.
Port C
- One 8-bit data output latch/buffer
and one 8-bit data input buffer (no latch for
input). This port can be divided into two 4-bit
ports under the mode control. Each 4-bit port
contains a 4-bit latch and it can be used for
the control signal outputs and status signal
inputs in conjunction with ports A and B. Only
„pull-up'' bus hold devices are present on Port
C.
DELIVERABLES
♦
◊
◊
◊
◊
♦
◊
◊
◊
♦
◊
◊
◊
♦
♦
♦
◊
◊
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
ALTERA’s Megafunction or/and
EDIF netlist
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation mac-
ros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
●
Delivery the IP Core updates, mi-
nor and major versions changes
●
Delivery the documentation up-
dates
●
Phone & email support



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com