| Electronic Components Datasheet Search |
|
D8255 Datasheet(PDF) 1 Page - Digital Core Design |
|
|
|||||||||||||||||||||||||||||
D8255 Datasheet(HTML) 1 Page - Digital Core Design |
|
1 / 4 page ![]() All trademarks mentioned in this document are trademarks of their respective owners. http://www.dcd.pl Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved. http://www.DigitalCoreDesign.com D D8 82 25 55 5 ● ○ ○ ○ ● ○ ○ ○ ○ ● ○ ○ ○ Programmable Peripheral Interface ver 1.00 OVERVIEW The D8255 is a programmable I/O device which is designed for use with all Intel and most other microprocessors. It provides 24 I/O pins which may be indi- vidually programmed in 2 groups of 12 and used in 3 major modes of operation: Mode 0 - Basic Input/Output. This func- tional configuration provides simple input and output operations for each of the three ports. No „handshaking'' is required, data is simply written to or read from a specified port. Mode 0 Basic Functional Definitions: Two 8-bit ports and two 4-bit ports. Any port can be input or output. 16 different Input/Output configurations are possible in this Mode MODE 1 - Strobed Input/Output. This functional configuration provides a means for transferring I/O data to or from a specified port in conjunction with strobes or „handshaking'' signals. In mode 1, Port A and Port B use the lines on Port C to generate or accept these „handshaking'' signals. Mode 1 Basic functional Defini- tions : Two Groups (Group A and Group B). Each group contains one 8-bit data port and one 4-bit control/data port. The 8-bit data port can be either input or out- put Both inputs and outputs are latched. The 4-bit port is used for control and status of the 8-bit data port. MODE 2 - Strobed Bidirectional Bus I/O. This functional configuration provides a means for communicating with a periph- eral device or structure on a single 8-bit bus for both transmitting and receiving data (bidirectional bus I/O). „Handshak- ing'' signals are provided to maintain proper bus flow discipline in a similar manner to MODE 1. Interrupt generation and enable/disable functions are also available. MODE 2 Basic Functional Defi- nitions: Used in Group A only. One 8-bit, bi-directional bus port (Port A) and a 5-bit control port (Port C). The 5-bit control port (Port C) is used for con- trol and status for the 8-bit, bi-directional bus port (Port A) The functional configuration of the D8255 is programmed by the system software so that normally no external logic is necessary to interface peripheral devices or structures. The control word register can be both written and read as shown in the address decode table in the pin descriptions. |
Similar Part No. - D8255 |
|
Similar Description - D8255 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |