Electronic Components Datasheet Search
  English  ▼

X  

R446 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # R446
Description  PHOTOMULTIPLIER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R446 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  R446 Datasheet HTML 1Page - Hamamatsu Corporation R446 Datasheet HTML 2Page - Hamamatsu Corporation R446 Datasheet HTML 3Page - Hamamatsu Corporation R446 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPMS1027E02
JUL. 2006. IP
Figure 6: Dimensional Outline and Basing Diagram (Unit: mm)
Warning–Personal Safety Hazards
Electrical Shock–Operating voltages applied to this
device present a shock hazard.
TPMSA0008EA
PHOTOMULTIPLIER TUBES R446
1
2
4
3
5
7
6
8
9
10
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
28.5
± 1.5
8 MIN.
PHOTOCATHODE
32.2
± 0.5
11 PIN BASE
JEDEC No. B11-88
11
Bottom View
(Basing Diagram)
Figure 8: D Type Socket Assembly (Unit: mm)
Figure 7: Socket (Unit: mm)
Sold Separately
Sold Separately
TACCA0002EH
TACCA0277EA
TACCA0064EA
5
49
38
29
* Hamamatsu also provides C4900 series compact high voltage power
supplies and C6270 series DP type socket assemblies which incor-
porate a DC to DC converter type high voltage power supply.
POTTING
COMPOUND
R1 to R10
C1 to C3
: 330 k
Ω
: 10 nF
49.0
± 0.3
29.0
± 0.3
38.0
± 0.3
5
31.0
± 0.5
HOUSING
(INSULATOR)
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
DY9
DY8
DY7
DY6
DY5
DY4
DY3
DY2
DY1
C3
C2
C1
SIGNAL GND
SIGNAL OUTPUT
RG-174/U(BLACK)
-HV
AWG22 (VIOLET)
P
K
10
POWER SUPPLY GND
AWG22 (BLACK)
SOCKET
PIN No.
PMT
9
8
7
6
5
4
3
2
1
11
E717-63
E717-74
E678-11A
R1 to R10
C1 to C3
: 330 k
Ω
: 10 nF
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
DY9
DY8
DY7
DY6
DY5
DY4
DY3
DY2
DY1
C3
C2
C1
SIGNAL
OUTPUT (A)
-HV (K)
P
K
10
GND (G)
SOCKET
PIN No.
9
8
7
6
5
4
3
2
1
11
* "Wiring diagram applies when -HV is supplied."
To supply +HV,connect the pin "G" to+HV, and the pin
"K" to the GND.
PMT
26.0
±0.2
22.4
±0.2
32.0
±0.5
30°
10
°
0.7
4- 2.8
HOUSING
(INSULATOR)
R13
K
A
G
TOP VIEW
SIDE VIEW
BOTTOM VIEW
HAMAMATSU PHOTONICS K.K., Electron Tube Division
314-5, Shimokanzo, Iwata City, Shizuoka Pref., 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218 E-mail: usa@hamamatsu.com
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658 E-mail: info@hamamatsu.de
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10 E-mail: infos@hamamatsu.fr
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road Welwyn Garden City Hertfordshire AL7 1BW, United Kingdom, Telephone: 44-(0)1707-294888, Fax: 44(0)1707-325777 E-mail: info@hamamatsu.co.uk
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171-41 SOLNA, Sweden, Telephone: (46)8-509-031-00, Fax: (46)8-509-031-01 E-mail: info@hamamatsu.se
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741 E-mail: info@hamamatsu.it
WEB SITE www.hamamatsu.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com