Electronic Components Datasheet Search
  English  ▼

X  

R446 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R446
Description  PHOTOMULTIPLIER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R446 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R446 Datasheet HTML 1Page - Hamamatsu Corporation R446 Datasheet HTML 2Page - Hamamatsu Corporation R446 Datasheet HTML 3Page - Hamamatsu Corporation R446 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL
PHOTOMULTIPLIER TUBE
R446
Figure 1: Typical Spectral Response
TPMSB0090EB
100
200
300
400
500
600
700 800
900 1000
WAVELENGTH (nm)
0.01
0.1
1
10
100
QUANTUM
EFFICIENCY
CATHODE RADIANT
SENSITIVITY
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
FEATURES
GWide Spectral Response .........................
GCathode Sensitivity
Luminous .........................................................
Radiant at 330 nm .............................................
GAnode Sensitivity (at 1000 V)
Luminous ...........................................................
Radiant at 330 nm ......................................
GLow Drift and Hysteresis
185 nm to 870 nm
120
µA/lm
44 mA/W
600 A/lm
2.2
× 105 A/W
Multialkali Photocathode Sensitive to 870 nm
28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
The R446 features high quantum efficiency, high current
amplification, good S/N ratio and wide spectral response
from UV to near infrared. The R446 employs a UV-trans-
mitting glass envelope for UV sensitivity extension.
The R446 is well suited for use in broad-band spectro-
photometers, atomic absorption spectrophotometers,
chromatographs, NOx analyzers and other precision pho-
tometric instruments.
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Direct Interelectrode
Capacitances
Base
Weight
Operating Ambient Temperature
Storage Temperature
SuitabIe Socket
SuitabIe Socket Assembly
185 to 870
330
Multialkali
8
× 24
UV glass
Multialkali
Circular-cage
9
4
6
11-pin base JEDEC No. B11-88
Approx. 45
-30 to +50
-30 to +50
E678–11A (Sold Separately)
E717–63 (Sold Separately)
E717–74 (Sold Separately)
nm
nm
—
mm
—
—
—
—
pF
pF
—
g
°C
°C
—
—
MateriaI
Minimum Effective Area
Secondary Emitting Surface
Structure
Number of Stages
Anode to Last Dynode
Anode to All Other Electrodes


Similar Part No. - R446

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R44 ISC-R44 Datasheet
304Kb / 2P
isc Silicon NPN RF Transistor
R44 ISC-R44 Datasheet
275Kb / 2P
isc Silicon NPN RF Transistor
logo
Harwin Plc
R44-100 HARWIN-R44-100 Datasheet
2Mb / 1P
Metric & Imperial Spacers
logo
Aeroflex Circuit Techno...
R4400 AEROFLEX-R4400 Datasheet
169Kb / 11P
A MIPS R4400 RISC Microprocessor Multichip Module
logo
List of Unclassifed Man...
R4400 ETC1-R4400 Datasheet
1Mb / 754P
MIPS R4000 Microprocessor
More results

Similar Description - R446

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com