Electronic Components Datasheet Search
  English  ▼

X  

TSH181CT Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSH181CT
Description  General Purpose Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH181CT Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSH181CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSH181CT
Taiwan Semiconductor
2
Version: C2305
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Supply voltage
VCC
20
V
Output Voltage
VOUT
30
V
Reverse voltage
VCC/OUT
-20
V
Magnetic flux density
Unlimited
Gauss
Output current
IOUT
25
mA
Operating Temperature Range
TOPR
-40 to +125
oC
Storage temperature range
TSTG
-55 to +150
oC
Supply voltage
TJ
150
oC
Package Power Dissipation
PD
606
mW
Note: Do not apply reverse voltage to VCC and VOUT Pin, It may be caused for Miss function or damaged device
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance - Junction to Case
RӨJC
148
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
206
oC/W
ELECTRICAL SPECIFICATIONS (DC Operating Parameters:T
A
=25oC, VCC=12V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Operating
3.5
--
20
V
Supply Current
B< BOP
--
4
8
mA
Output Saturation Voltage
IOUT = 10mA, B>BOP
--
--
700
mV
Output Leakage Current
IOFF B<BRP, VOUT = 12V
--
--
10
µA
Output Rise Time
RL =
820Ω, CL = 20pF
--
--
1.5
µs
Output Fall Time
RL =
820Ω; CL = 20pF
--
--
1.5
µs
Operate Point
5
--
90
Gauss
Release Point
-90
--
-5
Gauss
Hysteresis
--
100
--
Gauss
Note: 1G (gauss) = 0.1mT (millitesla)
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
TSH181CT B0G
TO-92S
1Kpcs / Bulk Bag



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com