Electronic Components Datasheet Search
  English  ▼

X  

TSH181CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSH181CT
Description  General Purpose Hall Effect Latch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH181CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSH181CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH181CT Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSH181CT
Taiwan Semiconductor
1
Version: C2305
C1:1000pF
C2:15pF
R1:10k
Ω
General Purpose Hall Effect Latch
DESCRIPTION
TSH181 Hall-Effect sensor is designed for electronic
commutation of brush-less DC motor applications. The
device includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the Hall
Voltage, and a Schmitt trigger to provide switching
hysteresis for noise rejection, and open collector output.
An internal band gap regulator is used to provide
temperature compensated supply voltage for internal
circuits and allows a wide operating supply range. The
device is identical except for magnetic switch points. The
device includes on a single silicon chip a voltage
regulator, Hall-voltage generator, small-signal amplifier,
chopper stabilization, Schmitt trigger, open-collector
output to sink up to 25mA. A south pole of sufficient
strength will turn the output on. The North Pole is
necessary to turn the output off. An on-board regulator
permits operation with supply voltages of 3.5V to 20V
FEATURES
●
Temperature compensation.
●
Wide operating voltage range.
●
Open-Collector pre-driver.
●
Reverse bias protection on power supply pin.
●
100% at 125oC
“Hot Test”
●
RoHS Compliant
●
Halogen-free according to IEC 61249-2-21
APPLICATION
●
High temperature Fan motor
●
3 phase BLDC motor application
●
Fan motor application
●
Speed sensing
●
Revolution counting
TO-92S
Pin Definition:
1. VCC
2. Ground
3. Output
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TSH181CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH181 TSC-TSH181 Datasheet
316Kb / 7P
General Purpose Hall Effect Latch
More results

Similar Description - TSH181CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1751 DIODES-AH1751 Datasheet
122Kb / 6P
HALL EFFECT LATCH
AH1751 Rev. 1 - 2
AH1751 DIODES-AH1751_09 Datasheet
143Kb / 9P
HALL EFFECT LATCH
AH1751 Rev. 4
logo
Taiwan Semiconductor Co...
TSH181 TSC-TSH181 Datasheet
316Kb / 7P
General Purpose Hall Effect Latch
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
Dual Hall Effect Latch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
BIPOLAR HALL EFFECT LATCH
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
Hall Effect Latch
EM-6011 AKM-EM-6011 Datasheet
543Kb / 13P
Hall Effect Latch
logo
Feeling Technology Corp...
FS41 FEELING-FS41 Datasheet
101Kb / 7P
Single Hall Effect Latch
FS3144 FEELING-FS3144 Datasheet
102Kb / 7P
Single Hall Effect Latch
logo
Prolific Technology Inc...
PT3611 PROLIFIC-PT3611 Datasheet
205Kb / 1P
General Purpose Latch Type Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com