Electronic Components Datasheet Search
  English  ▼

X  

AX3111 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3111
Description  PWM Control 3A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3111 Datasheet HTML 1Page - AXElite technology co. ltd AX3111 Datasheet HTML 2Page - AXElite technology co. ltd AX3111 Datasheet HTML 3Page - AXElite technology co. ltd AX3111 Datasheet HTML 4Page - AXElite technology co. ltd AX3111 Datasheet HTML 5Page - AXElite technology co. ltd AX3111 Datasheet HTML 6Page - AXElite technology co. ltd AX3111 Datasheet HTML 7Page - AXElite technology co. ltd AX3111 Datasheet HTML 8Page - AXElite technology co. ltd AX3111 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.3 Oct.09, 2019
AX3111
ORDER/MARKING INFORMATION
Order Information
Top Marking (SOP-8L-EP)
Package Type
ES: SOP-8L-EP
AX3111 XX X
Packing
Blank : Tube
A : Taping
Logo
Y
AX 3
Part number
ID code:internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
1 1 1
Y WW X
:
45=2045
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
VSS - 0.3 to VSS + 45
V
Feedback Pin Voltage
VFB
VSS - 0.3 to 6
V
EN/SS Pin Voltage
VEN/SS
VSS - 0.3 to 6
V
OSC Pin Voltage
VOSC
VSS - 0.3 to 3
V
COMP Pin Voltage
VCOMP
VSS - 0.3 to 6
V
VGATE Pin Voltage
VGATE
VSS - 0.3 to VCC
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-65 to +150
°C
Operating Junction Temperature Range
TOJP
-40 to +125
°C
Operating Supply Voltage
VOP
8 to 40
V
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note: θJA is measured with the PCB copper area (need connect to Exposed Pad) of approximately 1.5 in2 (Multi-layer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com