Electronic Components Datasheet Search
  English  ▼

X  

AX3111 Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX3111
Description  PWM Control 3A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111 Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3111 Datasheet HTML 4Page - AXElite technology co. ltd AX3111 Datasheet HTML 5Page - AXElite technology co. ltd AX3111 Datasheet HTML 6Page - AXElite technology co. ltd AX3111 Datasheet HTML 7Page - AXElite technology co. ltd AX3111 Datasheet HTML 8Page - AXElite technology co. ltd AX3111 Datasheet HTML 9Page - AXElite technology co. ltd AX3111 Datasheet HTML 10Page - AXElite technology co. ltd AX3111 Datasheet HTML 11Page - AXElite technology co. ltd AX3111 Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.3 Oct.09, 2019
AX3111
Inductor Selection
For most designs, the different frequency can be reducing the inductor value; The
AX3111 is suggested 22µH to 100µH for 350K to 50KHz frequencies. Please refer the
below table to design.
L1 recommend value (VIN=8~40V ,VOUT=5V, IOUT=3A)
Frequency (Hz)
50K
150K
250K
350K
L1 Value (H)
100uH
68uH
33uH
22uH
Where is inductor Ripple Current. Large value inductors lower ripple current and small
value inductors result in high ripple currents. Choose inductor ripple current approximately
20% of the maximum load current 3A, ΔIL=0.6A. The DC current rating of the inductor
should be at least equal to the maximum load current plus half the ripple current to prevent
core saturation (3A+0.3A).
Input Capacitor Selection
This capacitor should be located close to the IC using short leads and the voltage
rating should be approximately 1.5 times the maximum input voltage. The RMS current
rating requirement for the input capacitor of a buck regulator is approximately 1⁄2 the DC
load current. A low ESR input capacitor sized for maximum RMS current must be used. A
470µF low ESR capacitor for most applications is sufficient.
Output Capacitor Selection
The output capacitor is required to filter the output and provide regulator loop stability.
The important capacitor parameters are; the 100 KHz Equivalent Series Resistance (ESR),
the RMS ripples current rating, voltage rating, and capacitance value. For the output
capacitor, the ESR value is the most important parameter. The ESR can be calculated from
the following formula.
ESR
I
V
L
RIPPLE
= 0.6A x 80mΩ= 48mV
An aluminum electrolytic capacitor's ESR value is related to the capacitance and its
voltage rating. In most case, higher voltage electrolytic capacitors have lower ESR values.
Most of the time, capacitors with much higher voltage ratings may be needed to provide
the low ESR values required for low output ripple voltage. It is recommended to replace
this low ESR capacitor by using a 470µF low ESR values < 80mΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com