Electronic Components Datasheet Search
  English  ▼

X  

AX3111ES Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3111ES
Description  PWM Control 3A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111ES Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3111ES Datasheet HTML 1Page - AXElite technology co. ltd AX3111ES Datasheet HTML 2Page - AXElite technology co. ltd AX3111ES Datasheet HTML 3Page - AXElite technology co. ltd AX3111ES Datasheet HTML 4Page - AXElite technology co. ltd AX3111ES Datasheet HTML 5Page - AXElite technology co. ltd AX3111ES Datasheet HTML 6Page - AXElite technology co. ltd AX3111ES Datasheet HTML 7Page - AXElite technology co. ltd AX3111ES Datasheet HTML 8Page - AXElite technology co. ltd AX3111ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.3 Oct.09, 2019
AX3111
ELECTRICAL CHARACTERISTICS
(VCC = 12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Feedback Voltage
VFB
VCC = 10V~30V
IOUT = 0 to 2A
Tj=-20°C ~125°C
0.800 0.815 0.830
V
Quiescent Current
ICCQ
VFB=1.2V
force driver off
-
3
6
mA
Feedback Bias Current
IFB
IOUT=0.1A
-
0.1
0.5
uA
Shutdown Supply Current
ISD
VEN/SS =0V
-
3
6
mA
Current Limit
ICL
3.5
-
-
A
Adjustable frequency range
FOSC
50
-
380
KHz
Short frequency
FOSC1 VCC = 10V~30V
45
55
65
KHz
EN/SS Pin Shutdown Logic
input threshold voltage
VENL
-
-
0.8
V
EN/SS Pull high Current
IEN/SS VEN/SS=0V
-
5
-
uA
Internal MOSFET RDSON
RDSON VCC=12V, VFB=0V
-
130
180
mΩ
Efficiency
EFFI
VCC = 12V,
VOUT = 5V,
IOUT = 2A
-
91
-
%
VCC = 30V,
VOUT = 5V,
IOUT = 2A
87
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com