Electronic Components Datasheet Search
  English  ▼

X  

AX3111ES Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX3111ES
Description  PWM Control 3A Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111ES Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX3111ES Datasheet HTML 3Page - AXElite technology co. ltd AX3111ES Datasheet HTML 4Page - AXElite technology co. ltd AX3111ES Datasheet HTML 5Page - AXElite technology co. ltd AX3111ES Datasheet HTML 6Page - AXElite technology co. ltd AX3111ES Datasheet HTML 7Page - AXElite technology co. ltd AX3111ES Datasheet HTML 8Page - AXElite technology co. ltd AX3111ES Datasheet HTML 9Page - AXElite technology co. ltd AX3111ES Datasheet HTML 10Page - AXElite technology co. ltd AX3111ES Datasheet HTML 11Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.3 Oct.09, 2019
AX3111
FUNCTION DESCRIPTIONS
EN/SS
This pin can be supplied shutdown or soft start function. It is inside pull high function.
For normal application, the pin must be connected a capacitor to ground. There is a 5uA
current to charge this capacitor, vary the different capacitor value to control soft start time.
Allow the switching regulator circuit to be shutdown pulling this pin below a 0.8V threshold
voltage.
OSC
External frequency set pin. The pin connects a resistance (R3) to reduce system
frequency. This converter’s frequency can be set from 50K to 350KHz, please refer the
below table to set frequency.
T=Room Temperature
R3 (Ω)
10M
240K
110K
68K
Frequency (Hz)
52K
150K
250K
350K
COMP
Compensation pin. For EL output capacitor application, the COMP pin connects R2 and
C9 to ground for all condition; please refer the compensation table.
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output
version. The external resistor sets the output voltage according to the following equation:
 
4
1
1
815
0
R
R
V
V
OUT
.
Table 1 Resistor select for output voltage setting
VOUT
R4
R1
5V
1.1K
5.6K
3.3V
2.7K
8.2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com