Electronic Components Datasheet Search
  English  ▼

X  

AX3111AES Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3111AES
Description  PWM Control 2A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111AES Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3111AES Datasheet HTML 1Page - AXElite technology co. ltd AX3111AES Datasheet HTML 2Page - AXElite technology co. ltd AX3111AES Datasheet HTML 3Page - AXElite technology co. ltd AX3111AES Datasheet HTML 4Page - AXElite technology co. ltd AX3111AES Datasheet HTML 5Page - AXElite technology co. ltd AX3111AES Datasheet HTML 6Page - AXElite technology co. ltd AX3111AES Datasheet HTML 7Page - AXElite technology co. ltd AX3111AES Datasheet HTML 8Page - AXElite technology co. ltd AX3111AES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.09, 2019
AX3111A
ELECTRICAL CHARACTERISTICS
(VCC = 12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Feedback Voltage
VFB
VCC = 10V~30V
IOUT = 0 to 1A
Tj=-20°C ~125°C
0.800 0.815 0.830
V
Quiescent Current
ICCQ
VFB=1.2V
force driver off
-
3
6
mA
Feedback Bias Current
IFB
IOUT=0.1A
-
0.1
0.5
uA
Shutdown Supply Current
ISD
VEN/SS =0V
-
3
6
mA
Current Limit
ICL
2.5
-
-
A
Adjustable frequency range
FOSC
50
-
380
KHz
Short frequency
FOSC1 VCC = 10V~30V
45
55
65
KHz
EN/SS Pin Shutdown Logic
input threshold voltage
VENL
-
-
0.8
V
EN/SS Pull high Current
IEN/SS VEN/SS=0V
-
5
-
uA
Internal MOSFET RDSON
RDSON VCC=12V, VFB=0V
-
130
180
mΩ
Efficiency
EFFI
VCC = 12V,
VOUT = 5V,
IOUT = 1A
-
90
-
%
VCC = 30V,
VOUT = 5V,
IOUT = 1A
86
APPLICATION CIRCUIT
C5
470uF
C4
470uF
1
2
L1
R1
5.6K
R4
1.1K
VIN+8~40V
VOUT = 5V/2A
D1
B340
C3
0.1uF
OSC
EN/SS
VGATE
VCC
GND
COMP
FB
SW
AX3111A
R1
R4
VFB = 0.815V ; R4 suggest 0.8K ~ 3k
VOUT = VFB x (1 +
)
C7
0.1uF
C6
0.1uF
R3
C1
1uF
C9
R2
C2
R5
C10
0.1uF
100R
18K
(Option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com