Electronic Components Datasheet Search
  English  ▼

X  

AX3111AES Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX3111AES
Description  PWM Control 2A Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3111AES Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3111AES Datasheet HTML 4Page - AXElite technology co. ltd AX3111AES Datasheet HTML 5Page - AXElite technology co. ltd AX3111AES Datasheet HTML 6Page - AXElite technology co. ltd AX3111AES Datasheet HTML 7Page - AXElite technology co. ltd AX3111AES Datasheet HTML 8Page - AXElite technology co. ltd AX3111AES Datasheet HTML 9Page - AXElite technology co. ltd AX3111AES Datasheet HTML 10Page - AXElite technology co. ltd AX3111AES Datasheet HTML 11Page - AXElite technology co. ltd AX3111AES Datasheet HTML 12Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Oct.09, 2019
AX3111A
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
8
12
16
20
24
28
32
36
40
VIN VS Quiescent Current
VIN (V)
VFB=1.2V
0.8
0.805
0.81
0.815
0.82
0.825
0.83
8
12
16
20
24
28
32
36
40
VIN VS Feedback Voltage
VIN (V)
F=300KHz
IOUT=300mA
0.8
0.805
0.81
0.815
0.82
0.825
0.83
0
0.4
0.8
1.2
1.6
2
IOUT VS Feedback Voltage
IOUT (A)
VIN=12V
0.8
0.805
0.81
0.815
0.82
0.825
0.83
-40℃ -20℃ 0℃
25℃ 50℃ 85℃ 105℃ 125℃
Temperature VS Feedback Voltage
Temperature
VIN=36V
IOUT=0.2A
0
1
2
3
4
5
6
-40℃ -20℃
0℃
25℃
50℃
85℃ 105℃ 125℃
Temperature VS Quiescent Current
Temperature
VIN=36V
VFB=1.2V
0
50
100
150
200
250
300
350
400
-40℃ -25℃
0℃
25℃
50℃
85℃ 105℃ 125℃
Temperature VS Frequency
Temperature
VIN=12V
IOUT=0.3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com