Electronic Components Datasheet Search
  English  ▼

X  

PI2DBS212 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2DBS212
Description  1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2DBS212 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2DBS212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8921A
10/31/07
PI2DBS212
1.8V, 1.8GHz, Differential Broadband Signal Switch,
2-Differential Channel, 2:1 Mux/DeMux Switch
Storage Temperature....................................–65°C to +150°C
Supply Voltage to Ground Potential...............–0.5V to +2.5V
DC Input Voltage ............................................–0.5V to VDD
DC Output Current......................................................120mA
Power Dissipation...........................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C, VDD = 1.8V ±10%)
Paramenter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
0.65 x VDD
V
VIL
Input LOW Voltage
Guaranteed LOW level
–0.5
0.35 x VDD
VIK
Clamp Diode Voltage
VDD = Max., IIN = –18mA
–0.7
–1.2
IIH
Input HIGH Current
VDD = Max., VIN = VCC
±5
μA
IIL
Input LOW Current
VDD = Max., VIN = GND
±5
RON
ON Resistance
VDD = Min., VIN = 1.3V, IIN =
40mA
10
Ohm
CON
Capacitance ON (A/B)
VIN = 0, VDD = 1.8V
3.5
pF
Dynamic Electrical Characteristics Over the Operating Range (TA= –40º to +85ºC, VDD = 1.8V±10%)
Parameter
Description
Test Conditions
Min.
Typ.(1)
Max.
Units
XTALK
Crosstalk
See Fig. 1 for Measurement Setup, f = 1.65
GHz
–26
dB
OIRR
OFF Isolation
See Fig. 2 for Measurement Setup, f = 1.65
GHz
–35
ILOSS
Differential Inser-
tion Loss
f = 1.65 GHz
–1.8
BW
Bandwidth
@ –3 dB
2.0
GHz
Notes:
1.
Guaranteed by design. Typical values are at VDD = 1.8V, TA = 25°C ambient, and maximum loading.
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
IDD
Quiescent Power Supply Current
VDD = Max., VIN and VSEL = GND or
VDD
300
400
μA
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VDD = 1.8V, TA = 25°C ambient and maximum loading.
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VDD = 1.8V, TA = 25°C ambient and maximum loading.
07-0243



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com