Electronic Components Datasheet Search
  English  ▼

X  

PI2DBS212 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI2DBS212
Description  1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2DBS212 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI2DBS212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI2DBS212 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
PS8921A
10/31/07
PI2DBS212
1.8V, 1.8GHz, Differential Broadband Signal Switch,
2-Differential Channel, 2:1 Mux/DeMux Switch
Fig 1. Crosstalk Setup
Fig 2. Off-isolation setup
PI2DBS212
T
R
S
HP11667A
50-ohm
50-ohm
50-ohm
HP4396B
100
-ohm
100
-ohm
PI2DBS212
T
R
S
HP11667A
50-ohm
50-ohm
50-ohm
HP4396B
100
-ohm
07-0243



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com