Electronic Components Datasheet Search
  English  ▼

X  

AX3101 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3101
Description  PWM Control 2A Step Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3101 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3101 Datasheet HTML 1Page - AXElite technology co. ltd AX3101 Datasheet HTML 2Page - AXElite technology co. ltd AX3101 Datasheet HTML 3Page - AXElite technology co. ltd AX3101 Datasheet HTML 4Page - AXElite technology co. ltd AX3101 Datasheet HTML 5Page - AXElite technology co. ltd AX3101 Datasheet HTML 6Page - AXElite technology co. ltd AX3101 Datasheet HTML 7Page - AXElite technology co. ltd AX3101 Datasheet HTML 8Page - AXElite technology co. ltd AX3101 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Oct.08, 2019
AX3101
FUNCTION DESCRIPTIONS
WM Control
The AX3101 consists of DC/DC converters that employ a pulse-width modulation (PWM)
system. In converters of the AX3101, the pulse width varies in a range from 0 to 100%,
according to the load current. The ripple voltage produced by the switching can easily be
removed through a filter because the switching frequency remains constant. Therefore, these
converters provide a low-ripple power over broad ranges of input voltage and load current.
RDS (ON) Current Limiting
The current limit threshold is setting by the external resistor (R3) connecting from VCC
supply to OCSET pin. The internal 130uA sink current crossing the resistor sets the voltage
at pin of OCSET. When the PWM voltage is less than the voltage at OCSET, an over-current
condition is triggered. Please refer to the formula for setting the minimum current limit value:
R
I
I
DS(ON)
OCSET
.
R3
SW(MIN)
08
0
(Normally, The ISW(MIN) setting more than IOUT 1.0A ).
Example:
ISW = (0.13mA x 1.3k + 0.08)/ 0.070Ω= 3.56A - (VIN=12V)
ISW = (0.13mA x 2.5K + 0.08)/ 0.10Ω= 4.05A - (VIN=5V)
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output version.
The external resistor sets the output voltage according to the following equation:
 
2
1
1
8
.
0
R
R
V
V
OUT
Table 1 Resistor select for output voltage setting
VOUT
R2
R1
5V
1.3K
6.8K
5.6K
30K
3.3V
1.5K
4.7K
5.6K
18K
2.5V
2.2K
4.7K
1.8V
2K
2.5K
1.5V
2.2K
2.0K
1.2V
3K
1.5K
1.0V
3K
0.75K
The R2 setting 5.6k that No load current can be reduce to under 4mA for EL CAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com