Electronic Components Datasheet Search
  English  ▼

X  

KB809 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB809
Description  Microprocessor Reset circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB809 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB809 Datasheet HTML 1Page - Kingbor Technology Co KB809 Datasheet HTML 2Page - Kingbor Technology Co KB809 Datasheet HTML 3Page - Kingbor Technology Co KB809 Datasheet HTML 4Page - Kingbor Technology Co KB809 Datasheet HTML 5Page - Kingbor Technology Co KB809 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
March 2007
5
Microprocessor Reset
The /RESET pin is asserted whenever V
CC falls below the
reset threshold voltage. The /RESET pin remains asserted
for a period of 180ms after V
CC has risen above the reset
threshold voltage. The reset function ensures the micropro-
cessor is properly reset and powers up in a known condition
after a power failure. /RESET will remain valid with V
CC as low
as 0.95V.
Transients on V
CC
The KB809 is inherently immune to very short “glitches” on
V
CC. In the case of very brief transients, VCC may drop below
the under-voltage threshold without triggering a reset. As
shown in the graph of Figure 1, the narrower the transient, the
deeper the threshold overdrive that will be ignored. The line
on the graph represents the typical allowable transient dura-
tion for a given amount of threshold overdrive that will
not
generate a reset. The data from which Figure 1 is derived was
taken by adding negative-going square-wave pulses to a DC
input voltage set at 0.5V above the actual measured thresh-
old for the part being characterized.
0
5
10
15
20
0
200
400
600
RESET COMP. OVERDRIVE, V
TH –VCC (mV)
Typical Transient
Response
V
TH
= 2.932
Figure 1. Comparator Overdrive
vs. Duration
Ensuring Proper Operation at Low V
CC
At levels of V
CC below 1.4V, the KB809’s output driver
cannot always turn on sufficiently to produce a valid logic-low.
In this situation, other circuits driven by /RESET could be
allowed to float, causing undesired operation. (In most cases,
however, it is expected that the circuits driven by the KB809
will be similarly inoperative at V
CC =0.95V.)
If a given application requires that /RESET be valid below
V
CC =1.4V, this can be accomplished by adding a pull-down
resistor to the output. A value of 100k
Ω is recommended, as
this is usually an acceptable compromise of leakage current
and pull-down current. The resistor’s value is not critical,
however. See Figure 2.
/RESET
/RESET INPUT
Microcontroller
or
Microprocessor
GND
100k
GND
VIN
RPULL-DOWN
VCC
VCC
KB809
Figure 2. Ensuring a Valid
/RESET Signal at Low Voltage
Interfacing to Processors with Bidirectional Reset Pins
Some microprocessors have reset signal pins that are bidi-
rectional, rather than input only. The Motorola 68HC11 family
is one example. To prevent excessive current flow when the
processor asserts its reset output, a series resistor is em-
ployed between the KB809’s output and the reset pin. This
limits the current that will flow between the KB809 and the
reset pin to a theoretical maximum of V
CC/RSERIES. Because
this resistor also limits the drive capability of the supervisor’s
output, a buffer may be required to drive additional circuitry.
See Figure 3.
4.7k
BUFFER
RESET SIGNAL
to OTHER CIRCUITS
VCC
/RESET
GND
VIN
KB809
RESET I/O
Microcontroller
or
Microprocessor
GND
VCC
Figure 3. Interfacing to Processors
with Bidirectional Reset Pins
KB809
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
Applications Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com