Electronic Components Datasheet Search
  English  ▼

X  

KB809 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB809
Description  Microprocessor Reset circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB809 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB809 Datasheet HTML 1Page - Kingbor Technology Co KB809 Datasheet HTML 2Page - Kingbor Technology Co KB809 Datasheet HTML 3Page - Kingbor Technology Co KB809 Datasheet HTML 4Page - Kingbor Technology Co KB809 Datasheet HTML 5Page - Kingbor Technology Co KB809 Datasheet HTML 6Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
March 2007
1
KB809
The KB809 is a power supply supervisor that provides
under-voltage monitoring and power-on reset generation in
an industry standard 3-pin SOT package and pinout. The
reset output is asserted at power-on and any time the input
voltage drops below the programmed threshold. It remains
asserted for 180ms (typ.) after the input subsequently rises
back above the threshold boundary. The KB809 has an
active-low reset output. Hysteresis is included to prevent
chattering due to noise, and the KB809 is inherently
immune to brief power supply transients. Typical supply
current is a low 3
µA. For those applications that require a
manual reset function, see the KB811/812. For those appli-
cations that require a longer reset timeout, see the
KB809. (The KB809 is identical to the industry-
standard KB809 with the exception of a shorter reset timout.)
VCC
/RESET
µP
/RESET
VCC
VCC
Typical Operating Circuit
• Under-voltage monitor
• Power-on reset generation (180ms Typ)
• Choice of threshold voltages (contact Kingbor regarding
availability)
• Active-low reset output
• No external components required
• Rejects brief input transients
• Industry standard package and pinout
• 3-pin SOT23-3 package
• Monitoring processor, ASIC, or FPGA core and I/O
voltages
• PDAs, hand-held PCs
• Embedded controllers
• Telecommunications systems
• Power supplies
• Wireless / Cellular systems
• Networking hardware
Typical
Nominal
Junction
Part Number
Marking**
Application
Threshold
T
RST (ms)
Temperature
Package
Voltage*
Voltage
Range
KB809-293
ADAA C956
3.3V
±5%
2.93
180
–40
°C to +85°C
SOT23-3
Microprocessor Reset circuits
KB809
Kingbor Technology Co.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB809
General Description
Features
Applications
Ordering Information
Typical Application
Block Diagrams
Typical
Nominal
Junction
Part Number
Marking**
Application
Threshold
T
RST (ms)
Temperature
Package
Voltage*
Voltage
Range
KB809-263
AFAA C756
3.3V
±10%
2.63
180
–40
°C to +85°C
SOT23-3
Top Marking:
ADAA & AFAA: To manufacture marking after 2007-3-15
C956 & C756: Before 2007-3-15


Similar Part No. - KB809

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB814 KINGBRIGHT-KB814 Datasheet
192Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB8141 KINGBRIGHT-KB8141 Datasheet
156Kb / 8P
PHOTOCOUPLER
KB814A KINGBRIGHT-KB814A Datasheet
192Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB814AB KINGBRIGHT-KB814AB Datasheet
192Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB814B KINGBRIGHT-KB814B Datasheet
192Kb / 8P
GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
More results

Similar Description - KB809

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
Microprocessor Reset Circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
MICROPROCESSOR RESET CIRCUITS
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
Microprocessor Reset Circuits
Rev. E
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com