Electronic Components Datasheet Search
  English  ▼

X  

MAR Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # MAR
Description  Motor Auto-Restart Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

MAR Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  MAR Datasheet HTML 1Page - Automatic Timing & Controls, Inc. MAR Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
189
Diversified Electronics
800.727.5646
atcdiversified.com
ORDERING INFORMATION
MODEL NUMBER
MAR 120
CONTROL VOLTAGE
120 VAC 50/60 HZ
120
TERMINATIONS/FUNCTION
8 Pin Plug-in
8 Pin Plug-in with OL Relay
L2 Disconnect Feature
11 Pin Plug-in
11 Pin Plug-in with OL Relay
L2 Disconnect Feature
AAA
ABA
ACA
ADA
D
D
A or C
B
DELAY RANGE DESCRIPTIONS
A — U.V. 0.2 to 6.0 sec, Restart Delay 0.2 to 60 sec.
Restart Output Interval - Continuous
B — U.V. 0.2 to 6.0 sec, Restart Delay 0.2 to 60 sec.
Restart Output Interval - 5.0 sec (fixed)
C — U.V. 0.2 to 10.0 sec, Restart Delay 0.2 to 60 sec.
Restart Output Interval - 1.0 sec (fixed)
D — U.V. 4.0 sec (fixed), Restart Delay 2.0 to 120 sec.
Restart Output Interval - 5.0 sec (fixed)
WIRING
AAA
ACA
ABA
ADA
Note: Wiring must be exactly as
shown for proper operation
5
M1
L1
L2
REACCEL
CONTROL
VOLTAGE
AAA
AVAIL
STOP
START
M1
4
2
1
8
7
5
L1
L2
REACCEL
CONTROL
VOLTAGE
ABA
AVAIL
STOP
START
M1
4
2
1
8
7
M1
M1
OL
STOP
START
M1
M1
CONTROL
VOLTAGE
OL
5
2
6
8
11
ADA
STOP
START
M1
M1
CONTROL
VOLTAGE
5
2
6
8
11
ACA
5
M1
L1
L2
REACCEL
CONTROL
VOLTAGE
AAA
AVAIL
STOP
START
M1
4
2
1
8
7
5
L1
L2
REACCEL
CONTROL
VOLTAGE
ABA
AVAIL
STOP
START
M1
4
2
1
8
7
M1
M1
OL
STOP
START
M1
M1
CONTROL
VOLTAGE
OL
5
2
6
8
11
ADA
STOP
START
M1
M1
CONTROL
VOLTAGE
5
2
6
8
11
ACA
Under voltage screwdriver adjustable ranges ± 10%
Restart delay screwdriver adjustable ranges ± 10%
Under voltage and restart output interval fixed ranges ± 10%
Delay Range
Diversified Electronics
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com