Electronic Components Datasheet Search
  English  ▼

X  

MAR Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # MAR
Description  Motor Auto-Restart Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

MAR Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  MAR Datasheet HTML 1Page - Automatic Timing & Controls, Inc. MAR Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
188
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Motor Auto-Restart Relay
SPECIFICATIONS
DIMENSIONS
OPERATION
CONTROL VOLTAGE
120 VAC 50/60 Hz
INPUT
SPECIFICATIONS
Under Voltage: 92 VAC Factor Preset
(70-100 VAC Internal Adjust)
Restart Voltage: 102 VAC Factor Preset
(10 VAC ±10% Above U.V.)
OUTPUT
SPDT Relay, Pilot Duty B150, 360 VA
10 Amps @ 120 VAC Resistive
30,000 Operations Electrical @ Full Load
POWER REQUIRED
3 VA Max
TEMPERATURES
Operate: 0°C to 55°C
Storage: -45°C to 85°C
ENCLOSURE
Style Extended "A" LEXAN® Dust Cover
TERMINATIONS/
FUNCTION
8 Pin Plug-in (Model AAA)
8 Pin Plug-in with OL Relay
L2 Disconnect Feature (Model ABA)
11 Pin Plug-in (Model ACA)
11 Pin Plug-in with OL Relay
L2 Disconnect Feature (Model ADA)
The MAR series provides automatic restart to a motor by bypass-
ing the start switch to re-energize M1 starter coil following a
momentary drop or interruption of the control voltage. When
control voltage drops below the under voltage trip point while
the motor is running, the under voltage delay begins. If control
voltage returns above the restart voltage point before the under
voltage delay expires, the adjustable restart delay begins. Upon
expiration of the restart delay, the internal relay energizes for the
duration of the output interval providing restart. If control voltage
fails for longer than the under voltage time delay or the motor
was not initially running when control voltage failed, the unit will
not restart the motor after restoration of poser. Instead a manual
restart is required. This relay distinguishes between control volt-
age failures and stop pushbutton operations. A stop pushbutton
operation de-energizes the output relay and terminates the timing
sequences preventing an automatic restart.
.15” max.
3.60”
.15” max.
3.60”
E55826


Similar Part No. - MAR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
Small size ??Good dvdt ??Medium current
logo
TT Electronics.
MAR TTELEC-MAR Datasheet
410Kb / 2P
very low tcrs
logo
Mini-Circuits
MAR-1 MINI-MAR-1 Datasheet
239Kb / 4P
Monolithic Amplifier
MAR-1SM MINI-MAR-1SM Datasheet
209Kb / 1P
MONOLITHIC AMPLIFIERS 50 Ohm
MAR-2SM MINI-MAR-2SM Datasheet
209Kb / 1P
MONOLITHIC AMPLIFIERS 50 Ohm
More results

Similar Description - MAR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1004KL-04W-B40-B00 ETC2-1004KL-04W-B40-B00 Datasheet
353Kb / 2P
Auto Restart/Polarity Protection
2410ML-04W-B30-E00 ETC2-2410ML-04W-B30-E00 Datasheet
363Kb / 1P
Auto Restart/Polarity Protection
3610KL-05W-B50-D00 ETC2-3610KL-05W-B50-D00 Datasheet
315Kb / 1P
Auto Restart/Polarity Protection
logo
FSP TECHNOLOGY INC.
FP600 FSP-FP600 Datasheet
60Kb / 1P
Auto restart while AC is recovering
logo
Powerbox
C1500 POWERBOX-C1500 Datasheet
87Kb / 3P
Overvoltage protection with auto restart
C2500 POWERBOX-C2500 Datasheet
200Kb / 3P
Overvoltage protection with auto restart
C3500 POWERBOX-C3500 Datasheet
180Kb / 3P
Overvoltage protection with auto restart
C3800 POWERBOX-C3800 Datasheet
1Mb / 2P
Overvoltage protection with auto restart
logo
STMicroelectronics
STEVAL-ILL069V1 STMICROELECTRONICS-STEVAL-ILL069V1 Datasheet
271Kb / 5P
Short circuit protection with auto restart
02-Jul-2015
STEVAL-ILL076V1 STMICROELECTRONICS-STEVAL-ILL076V1 Datasheet
235Kb / 4P
Short-circuit protection with auto restart
18-Sep-2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com