Electronic Components Datasheet Search
  English  ▼

X  

TMP93CS45 Datasheet(PDF) 50 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 50 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 54Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-48
(4) Notes
The instruction execution unit and the bus interface unit of this CPU operate
independently of each other. Therefore, if the instruction used to clear an interrupt
request flag of an interrupt is fetched before the interrupt is generated, it is possible
that the CPU might execute the fetched instruction to clear the interrupt request flag
while reading the interrupt vector after accepting the interrupt.
To avoid the above occurring, clear the interrupt request flag by entering the
instruction to clear the flag after the DI instruction. In the case of setting an interrupt
enable again by EI instruction after the execution of clearing instruction, execute EI
instruction after clearing instruction and following more than one instruction are
executed. When EI instruction is placed immediately after clearing instruction, an
interrupt becomes enable before interrupt request flags are cleared.
In the case of changing the value of the interrupt mask register <IFF2:0> by
execution of POP SR instruction, disable an interrupt by DI instruction before
execution of POP SR instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com