Electronic Components Datasheet Search
  English  ▼

X  

TMP93CS45 Datasheet(PDF) 51 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 51 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 55Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-49
3.5
Functions of Ports
The TMP93CS44 has 62 bits for I/O ports. The TMP93CS45 has 44 bits for I/O ports because
Port 0, Port 1, P30, and P31 are dedicated pins for AD0 to AD7, AD8 to AD15 (or A8 to A15), RD ,
and WR .
These port pins have I/O functions for the built-in CPU and internal I/Os as well as
general-purpose I/O port functions. Table 3.5.1 lists the function of each port pin. Table 3.5.2
lists I/O registers and specification.
Table 3.5.1 Functions of Ports
(PU
= with programmable pull-up resistor)
Port Name
Pin Name
Pin
Number
Direction
R
Direction
Setting Unit
Pin Name for Built-in
Function
Port 0
P00 to P07
8
I/O
−
Bit
AD0 to AD7
Port 1
P10 to P17
8
I/O
−
Bit
AD8 to AD15/A8 to A15
Port 2
P20 to P27
8
I/O
PU
Bit
A0 to A7/A16 to A23
P30
1
Output
−
(fixed)
RD
P31
1
Output
−
(fixed)
WR
P32
1
I/O
PU
Bit
HWR
/SCK
P33
1
I/O
−
Bit
SO/SDA
P34
1
I/O
−
Bit
SI/SCL
Port 3
P35
1
I/O
−
Bit
INT0
P40
1
I/O
−
Bit
TI0/INT1
P41
1
I/O
−
Bit
TO3
P42
1
I/O
−
Bit
TI4/INT4
P43
1
I/O
−
Bit
TI5/INT5
P44
1
I/O
−
Bit
TO4
P45
1
I/O
−
Bit
TI6/INT6
P46
1
I/O
−
Bit
TI7/INT7
Port 4
P47
1
I/O
−
Bit
TO6
P50 to P52
3
Input
−
(fixed)
AN0 to AN2
P53
1
Input
−
(fixed)
AN3/ ADTRG
Port 5
P54 to P57
4
Input
−
(fixed)
AN4 to AN7
P60
1
I/O
PU
Bit
TXD0
P61
1
I/O
PU
Bit
RXD0
P62
1
I/O
PU
Bit
SCLK0/
0
CTS
P63
1
I/O
PU
Bit
TXD1
P64
1
I/O
PU
Bit
RXD1
P65
1
I/O
PU
Bit
SCLK1/
1
CTS
P66
1
I/O
−
Bit
XT1
Port 6
P67
1
I/O
−
Bit
XT2
P70
1
I/O
−
Bit
WAIT
(High current output)
Port 7
P71 to P77
7
I/O
−
Bit
(High current output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com