Electronic Components Datasheet Search
  English  ▼

X  

TMP93CS45 Datasheet(PDF) 114 Page - Toshiba Semiconductor

Part # TMP93CS45
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS45 Datasheet(HTML) 114 Page - Toshiba Semiconductor

Back Button TMP93CS45 Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 112Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 113Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 114Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 115Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 116Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 117Page - Toshiba Semiconductor TMP93CS45 Datasheet HTML 118Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-112
5. Capture input control
This circuit controls the timing to latch the value of up counter UC4 into CAP1,
CAP2. The latch timing of capture register is controlled by register T4MOD<CAP12M
1:0>.
•
When T4MOD<CAP12M1:0>
= 00
Capture function is disabled. Disable is the default on reset.
•
When T4MOD<CAP12M1:0>
= 01
Data is loaded to CAP1 at the rise edge of TI4 pin (also used as P42/INT4) input,
while data is loaded to CAP2 at the rise edge of TI5 pin (also used as P43/INT5)
input.
•
When T4MOD<CAP12M1:0>
= 10
Data is loaded to CAP1 at the rise edge of TI4 pin input, while to CAP2 at the fall
edge. Only in this setting, interrupt INT4 occurs at fall edge.
•
When T4MOD<CAP12M1:0>
= 11
Data is loaded to CAP1 at the rise edge of timer flip-flop TFF1, while to CAP2 at
the fall edge.
Besides, the value of up counter can be loaded to capture registers by software.
Whenever “0” is written in T4MOD<CAP1IN> the current value of up counter will be
loaded to capture register CAP1. It is necessary to keep the prescaler in RUN mode
(TRUN<PRRUN> to be “1”).
6. Comparator
These are 16-bit comparators which compare the up counter UC4 value with the set
value of (TREG4, TREG5) to detect the match. When a match is detected, the
comparators generate an interrupt (INTTR4, INTTR5) respectively. The up counter
UC4 is cleared only when UC4 matches TREG5. (The clearing of up counter UC4 can
be disabled by setting T4MOD<CLE>
= 0.)
7. Timer flip-flop (TFF4)
This flip-flop is inverted by the match detect signal from the comparators and the
latch signals to the capture registers. Disable/enable of inversion can be set for each
element by T4FFCR<CAP2T4, CAP1T4, EQ5T4, EQ4T4>. After reset, the value of
TFF4 is undefined. TFF4 will be inverted when “00” is written in T4FFCR<TFF4C1:0>.
Also it is set to “1” when “01” is written, and set to “0” when “10” is written. The value
of TFF4 can be output to the timer output pin TO4 (also used as P44). Timer output
should be specified by the function register of port 4. (See register for port 4 in Figure
3.5.11.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com