Electronic Components Datasheet Search
  English  ▼

X  

KB2301 Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB2301
Description  Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB2301 Datasheet(HTML) 6 Page - Kingbor Technology Co

Back Button KB2301 Datasheet HTML 2Page - Kingbor Technology Co KB2301 Datasheet HTML 3Page - Kingbor Technology Co KB2301 Datasheet HTML 4Page - Kingbor Technology Co KB2301 Datasheet HTML 5Page - Kingbor Technology Co KB2301 Datasheet HTML 6Page - Kingbor Technology Co KB2301 Datasheet HTML 7Page - Kingbor Technology Co KB2301 Datasheet HTML 8Page - Kingbor Technology Co KB2301 Datasheet HTML 9Page - Kingbor Technology Co KB2301 Datasheet HTML 10Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Efficiency vs. Output Current
Output Current(mA)
L=47uH
C=47uF
VOUT=3.4V
Output Current vs. Ripple Voltage
Output Current (mA)
L=47uH
C=47uF
VOUT=3.4V
KB2301
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com