Electronic Components Datasheet Search
  English  ▼

X  

KB2301 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB2301
Description  Step-Up DC-DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB2301 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB2301 Datasheet HTML 1Page - Kingbor Technology Co KB2301 Datasheet HTML 2Page - Kingbor Technology Co KB2301 Datasheet HTML 3Page - Kingbor Technology Co KB2301 Datasheet HTML 4Page - Kingbor Technology Co KB2301 Datasheet HTML 5Page - Kingbor Technology Co KB2301 Datasheet HTML 6Page - Kingbor Technology Co KB2301 Datasheet HTML 7Page - Kingbor Technology Co KB2301 Datasheet HTML 8Page - Kingbor Technology Co KB2301 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
Type
Symbol
Description
Value
Unit
Vmax
Maximum voltage on VOUT and VLX pins
8
V
Voltage
Vmin-max
Voltage range on EXT and EN pins
-0.3-VOUT+0.3
V
ILXmax
Maximum current on LX pin
1000
mA
Current
IEXTmax
Maximum current on EXT pin
100
mA
Psot-23-3
Maximum Power dissipation for SOT-23-3 package
0.25
W
Psot-23-5
Maximum Power dissipation for SOT-23-5 package
0.25
W
Power dissipation
Psot-89
Maximum Power dissipation for SOT-89 package
0.5
W
Tmin-max
Operation temperature range
-20-85
oC
Thermal
Tstorage
Storage temperature range
-40-165
oC
ESD
VESD
ESD voltage for human body mode
2000
V
Electronic Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output voltage accuracy
VOUT
-2
2
%
Maximum input voltage
VINMAX
0.7
VOUT
V
Start-up voltage
VSTART
ILOAD=1mA, VIN:0
2V
0.85
V
Hold-on voltage
VHOLD
ILOAD=1mA, VIN:2
0V
0.6
V
Maximum oscillation frequency
FMAX
350
400
450
KHz
Oscillator duty cycle
DCOSC
75
80
85
%
Efficiency
85
88
%
Current limit
600
800
1000
mA
VIN=1.8V VOUT=3.0V
20
uA
Input current at no load
VIN=1.8V VOUT=5.0V
uA
VOUT pin current at switch off
Drive
VOUT
pin
with
voltage VOUT+0.5V
68
uA
Input standby current
No load, EN=“low”
1
uA
KB2301
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com