Electronic Components Datasheet Search
  English  ▼

X  

KB3429 Datasheet(PDF) 5 Page - Kingbor Technology Co

Part # KB3429
Description  Synchronous Boost DC//DC Regullator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3429 Datasheet(HTML) 5 Page - Kingbor Technology Co

  KB3429 Datasheet HTML 1Page - Kingbor Technology Co KB3429 Datasheet HTML 2Page - Kingbor Technology Co KB3429 Datasheet HTML 3Page - Kingbor Technology Co KB3429 Datasheet HTML 4Page - Kingbor Technology Co KB3429 Datasheet HTML 5Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
-- 5
5 --
P
Pa
ac
ck
ka
ag
giin
ng
g IIn
nffo
or
rm
ma
attiio
on
n
SOT-23-6 Package Outline Dimension
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
1.050
1.450
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.500
0.012
0.020
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950(BSC )
0.037(BSC)
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
0°
8°
0°
8°
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB3429
Ver: 1.3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com