Electronic Components Datasheet Search
  English  ▼

X  

KB3429 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3429
Description  Synchronous Boost DC//DC Regullator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3429 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3429 Datasheet HTML 1Page - Kingbor Technology Co KB3429 Datasheet HTML 2Page - Kingbor Technology Co KB3429 Datasheet HTML 3Page - Kingbor Technology Co KB3429 Datasheet HTML 4Page - Kingbor Technology Co KB3429 Datasheet HTML 5Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-- 3
3 --
F
Fu
un
nc
cttiio
on
na
all D
Diia
ag
gr
ra
am
m
A
Ab
bsso
ollu
utte
e M
Ma
ax
xiim
mu
um
m R
Ra
attiin
ng
gss
Power Dissipation………………………………………...Internally limited
VIN ……………………………………………………………..- 0.3 V
+ 6 V
VOUT…………………………………………………………....- 0.3 V
+ 6 V
VSW …….………………………………………………………- 0.3 V
+ 6 V
VEN, VOUT………………………………………………………- 0.3 V
+ 6 V
Operating Temperature Range …………………………- 30
+ 85
Lead Temperature (Soldering 10 sec.) ……………………………+ 300
Storage Temperature Range …………………………..- 65
+ 125
kB3429
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
KB3429
Ver: 1.3
0.82V-4.4V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com