Electronic Components Datasheet Search
  English  ▼

X  

KB4054 Datasheet(PDF) 13 Page - Kingbor Technology Co

Part # KB4054
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4054 Datasheet(HTML) 13 Page - Kingbor Technology Co

Back Button KB4054 Datasheet HTML 7Page - Kingbor Technology Co KB4054 Datasheet HTML 8Page - Kingbor Technology Co KB4054 Datasheet HTML 9Page - Kingbor Technology Co KB4054 Datasheet HTML 10Page - Kingbor Technology Co KB4054 Datasheet HTML 11Page - Kingbor Technology Co KB4054 Datasheet HTML 12Page - Kingbor Technology Co KB4054 Datasheet HTML 13Page - Kingbor Technology Co KB4054 Datasheet HTML 14Page - Kingbor Technology Co KB4054 Datasheet HTML 15Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Figure 5. Using a Microprocessor to Determine CHRG State
CHRG Status Output Pin
The CHRG pin can provide an indication that the input
voltage is greater than the undervoltage lockout threshold
level. A weak pull-down current of approximately 20
µA
indicates that sufficient voltage is applied to VCC to begin
charging. When a discharged battery is connected to the
charger, the constant current portion of the charge cycle
begins and the CHRG pin pulls to ground. The CHRG pin
can sink up to 10mA to drive an LED that indicates that a
charge cycle is in progress.
When the battery is nearing full charge, the charger enters
the constant-voltage portion of the charge cycle and the
charge current begins to drop. When the charge current
drops below 1/10 of the programmed current, the charge
cycle ends and the strong pull-down is replaced by the
20
µA pull-down, indicating that the charge cycle has
ended. If the input voltage is removed or drops below the
undervoltage lockout threshold, the CHRG pin becomes
high impedance. Figure 5 shows that by using two
different value pull-up resistors, a microprocessor can
detect all three states from this pin.
Figure 6. Low Loss Input Reverse Polarity Protection
VIN
VCC
KB4054
DRAIN-BULK
DIODE OF FET
CHRG
OUT
IN
2k
800k
KB4054
µPROCESSOR
V+
VDD
VCC
To detect when the KB4054 is in charge mode, force the
digital output pin (OUT) high and measure the voltage at
the CHRG pin. The N-channel MOSFET will pull the pin
voltage low even with the 2k pull-up resistor. Once the
charge cycle terminates, the N-channel MOSFET is turned
off and a 20
µA current source is connected to the CHRG
pin. The IN pin will then be pulled high by the 2k pull-up
resistor. To determine if there is a weak pull-down current,
the OUT pin should be forced to a high impedance state.
The weak current source will pull the IN pin low through
the 800k resistor; if CHRG is high impedance, the IN pin
will be pulled high, indicating that the part is in a UVLO
state.
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity
voltage on VCC is desired. If the supply voltage is high
enough, a series blocking diode can be used. In other
cases, where the voltage drop must be kept low a P-
channel MOSFET can be used (as shown in Figure 6).
KB4054
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com