Electronic Components Datasheet Search
  English  ▼

X  

KB4054 Datasheet(PDF) 2 Page - Kingbor Technology Co

Part # KB4054
Description  Li-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4054 Datasheet(HTML) 2 Page - Kingbor Technology Co

  KB4054 Datasheet HTML 1Page - Kingbor Technology Co KB4054 Datasheet HTML 2Page - Kingbor Technology Co KB4054 Datasheet HTML 3Page - Kingbor Technology Co KB4054 Datasheet HTML 4Page - Kingbor Technology Co KB4054 Datasheet HTML 5Page - Kingbor Technology Co KB4054 Datasheet HTML 6Page - Kingbor Technology Co KB4054 Datasheet HTML 7Page - Kingbor Technology Co KB4054 Datasheet HTML 8Page - Kingbor Technology Co KB4054 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
(Note 1)
Input Supply Voltage (VCC) ....................... –0.3V to 10V
PROG ............................................. – 0.3V to VCC + 0.3V
BAT .............................................................. –0.3V to 7V
CHRG ........................................................ –0.3V to 10V
BAT Short-Circuit Duration .......................... Continuous
BAT Pin Current ................................................. 800mA
PROG Pin Current ................................................ 800
µA
Maximum Junction Temperature .......................... 125
°C
Operating Ambient Temperature Range
(Note 2) .............................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, (θJA = 80°C/ W TO
150
°C/W DEPENDING ON PC BOARD LAYOUT)
(N0TE 3)
ORDER PART
NUMBER
S5 PART MARKING
6102
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Voltage
●
4.25
6.5
V
ICC
Input Supply Current
Charge Mode (Note 4), RPROG = 10k
●
300
2000
µA
Standby Mode (Charge Terminated)
●
200
500
µA
Shutdown Mode (RPROG Not Connected,
●
25
50
µA
VCC < VBAT, or VCC < VUV)
VFLOAT
Regulated Output (Float) Voltage
0
°C ≤ TA ≤ 85°C, IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG = 10k, Current Mode
●
93
100
107
mA
RPROG = 2k, Current Mode
●
465
500
535
mA
Standby Mode, VBAT = 4.2V
●
0
–2.5
–6
µA
Shutdown Mode (RPROG Not Connected)
±1
±2
µA
Sleep Mode, VCC = 0V
±1
±2
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 2k (Note 5)
●
20
45
70
mA
VTRIKL
Trickle Charge Threshold Voltage
RPROG = 10k, VBAT Rising (Note 5)
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis Voltage
RPROG = 10k (Note 5)
60
80
110
mV
VUV
VCC Undervoltage Lockout Threshold
From VCC Low to High
●
3.7
3.8
3.92
V
VUVHYS
VCC Undervoltage Lockout Hysteresis
●
150
200
300
mV
VMSD
Manual Shutdown Threshold Voltage
PROG Pin Rising
●
1.15
1.21
1.30
V
PROG Pin Falling
●
0.9
1.0
1.1
V
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from Low to High
70
100
140
mV
VCC from High to Low
5
30
50
mV
ITERM
C/10 Termination Current Threshold
RPROG = 10k (Note 6)
●
0.085
0.10
0.115
mA/mA
RPROG = 2k
●
0.085
0.10
0.115
mA/mA
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
●
0.93
1.0
1.07
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 5V
8
20
35
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
∆VRECHRG
Recharge Battery Threshold Voltage
VFLOAT - VRECHRG
100
150
200
mV
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25
°C. VCC = 5V, unless otherwise noted.
CHRG 1
GND 2
TOP VIEW
S5 PACKAGE
PLASTIC SOT23-5
BAT 3
5 PROG
4 VCC
KB4054ES5-4.2
KB4054
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ABSOLUTE MAXIMUM RATINGS
PACkAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com