Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA4VM Datasheet(HTML) 4 Page - Texas Instruments

  TDA4VM Datasheet HTML 1Page - Texas Instruments TDA4VM Datasheet HTML 2Page - Texas Instruments TDA4VM Datasheet HTML 3Page - Texas Instruments TDA4VM Datasheet HTML 4Page - Texas Instruments TDA4VM Datasheet HTML 5Page - Texas Instruments TDA4VM Datasheet HTML 6Page - Texas Instruments TDA4VM Datasheet HTML 7Page - Texas Instruments TDA4VM Datasheet HTML 8Page - Texas Instruments TDA4VM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 331 page
background image
3.1 Functional Block Diagram
Figure 3-1 is functional block diagram for the device.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the DRA829 and TDA4VM Software Build Sheet (PROCESSOR-SDK-J721E).
C7x DSP
w/ MMA
Navigator Subsystem
Memory Subsystem
8MB SRAM with ECC
MSMC
System Services
Spinlock
GP Timers
Mailboxes
Capture Subsystem
CSI2 4L TX
2
CSI2 4L RX
×
Navigator Subsystem
Channelized FW
MCRC
RA
INTR
UDMA
INTA
Proxy
DMSC
Safety DTK
SP RAM 512B
10
GP Timers
×
2
WWDT
×
SA2UL
MCU Island
Interconnect
Control Interfaces
Media and Data Storage
General Connectivity
High-Speed Serial Interfaces
eMMC
Audio Peripherals
12× MCASP
3× eQEP
3× eCAP
6× eHRPWM
10/100/1000 Ethernet (A)
TDA4VM
4 PCIe 2-Lane Ports
×
(B)
®
(with optional Lockstep)
2× Arm®
Cortex -R5F
®
64K L2 RAM
per Core
512KB L2
with ECC
1MB Shared L2
Cache with ECC
Dual Arm®
Cortex -A72
®
4× Arm®
Cortex -R5F
®
GPMC
EMIF 32
LPDDR4 w/ECC
-bit
ELM
512KB SRAM
Display Subsystem
4K Blend
Scale Convert
DSI
DP/eDP
(B)
UDMA
WWDT
SMMU
1 MB SRAM
Channelized FW
CPTS
Mailbox
TIMER_MGR
PVU
INTR
SecProxy
MCRC
INTA
UDMA
Proxy/RA
Spinlock
SMMU
PAT
Ethernet Subsystem
(Supporting up to 4
external ports)
Integrated
Ethernet Switch
(B)
Security Accelerators
AES
SHA
RNG
DES
PKA
3DES
Video Acceleration
(H.264 Encode and
H.264/H.265 Decode)
VPAC
DMPAC
2×
C66x DSP
3D GPU PowerVR
Rogue 8XE GE8430
2× SD/SDIO
UFS 2L
3× I2C
7× I2C
8× GPIO
8× MCSPI
2× ADC
10× UART
(A)
2× UART
(A)
(A)
3× MCSPI
(A)
1× OSPI or
1× HyperBus
(A)(C)
(A)(C)
1× QSPI
2× I3C
(A)
I3C
2× USB 3.0 DRD
(B)
Automotive Interfaces
2× CAN-FD
(A)
14× CAN-FD
Ethernet Switch
(Up to 8-ports)
QSGMII/SGMII/RGMII/RMII
(B)
Debug
2× WKUP GPIO
(A)
(A)
A.
This interface is located on the MCU Island but is available for the full system to access.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com