Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDA4VM Datasheet(HTML) 42 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 38Page - Texas Instruments TDA4VM Datasheet HTML 39Page - Texas Instruments TDA4VM Datasheet HTML 40Page - Texas Instruments TDA4VM Datasheet HTML 41Page - Texas Instruments TDA4VM Datasheet HTML 42Page - Texas Instruments TDA4VM Datasheet HTML 43Page - Texas Instruments TDA4VM Datasheet HTML 44Page - Texas Instruments TDA4VM Datasheet HTML 45Page - Texas Instruments TDA4VM Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AE20
prg1_pru0_gpo7
PRG1_PRU0_GPO7
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
0
0/1
PRG1_PRU0_GPI7
1
I
0
PRG1_IEP0_EDC_LATCH_IN1
2
I
0
PRG1_PWM3_B1
3
IO
1
AUDIO_EXT_REFCLK1
5
IO
0
MCAN4_TX
6
O
GPIO0_8
7
IO
0
MCASP3_AXR1
12
IO
AJ20
prg1_pru0_gpo8
PRG1_PRU0_GPO8
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
0
0/1
PRG1_PRU0_GPI8
1
I
0
PRG1_PWM2_A1
3
IO
0
RMII5_RXD0
5
I
0
MCAN4_RX
6
I
1
GPIO0_9
7
IO
0
GPMC0_OEn_REn
8
O
0
VOUT0_DATA22
10
O
MCASP3_AXR2
12
IO
AG20
prg1_pru0_gpo9
PRG1_PRU0_GPO9
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
0
0/1
PRG1_PRU0_GPI9
1
I
0
PRG1_UART0_CTSn
2
I
1
PRG1_PWM3_TZ_IN
3
I
0
SPI6_CS1
4
IO
1
RMII5_RXD1
5
I
0
GPIO0_10
7
IO
0
GPMC0_ADVn_ALE
8
O
0
PRG1_IEP0_EDIO_DATA_IN_OUT28
9
IO
VOUT0_DATA23
10
O
0
MCASP3_ACLKX
12
IO
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com