Electronic Components Datasheet Search
  English  ▼

X  

TMUX8108 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8108
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8108 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX8108 Datasheet HTML 2Page - Texas Instruments TMUX8108 Datasheet HTML 3Page - Texas Instruments TMUX8108 Datasheet HTML 4Page - Texas Instruments TMUX8108 Datasheet HTML 5Page - Texas Instruments TMUX8108 Datasheet HTML 6Page - Texas Instruments TMUX8108 Datasheet HTML 7Page - Texas Instruments TMUX8108 Datasheet HTML 8Page - Texas Instruments TMUX8108 Datasheet HTML 9Page - Texas Instruments TMUX8108 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
7.3 Recommended Operating Conditions: TMUX810x Devices
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD – VSS (1) Power supply voltage differential
10
100
V
VDD
Positive power supply voltage
10
100
V
VS or VD (2)
Signal path input/output voltage (source or drain pin)
VSS
VDD
V
VA or VEN
Address or enable pin voltage
0
48
V
TA
Ambient temperature
–40
125
°C
VS or VD (2)
Signal path input/output voltage (source or drain pin)
VSS
VDD
V
TA
Ambient temperature
–40
125
°C
IDC 1ch.(3)
Continuous current through switch for TSSOP or QFN on 1 channel
100
mA
IDC All ch.(4)
Continuous current through switch on all channels at the
same time, TSSOP package
TA = 25°C
75
mA
TA = 85°C
50
mA
TA = 125°C
25
mA
(1)
VDD and VSS can be any value as long as 10 V ≤ (VDD – VSS) ≤ 100 V, and the minimum VDD is met.
(2)
VS or VD is the voltage on any Source or Drain pins.
(3)
Max continuous current shown for a single channel at a time.
(4)
Max continuous current shown for all channels at a time. Refer to the maximum power dissipation (Ptot) so that the package limitations
are not violated.
7.4 Thermal Information
THERMAL METRIC(1)
TMUX8108
TMUX8109
TMUX8108
TMUX8109
UNIT
PW (TSSOP)
PW (TSSOP)
RUM (QFN)
16 PINS
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
97.0
96.4
41.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
26.7
26.5
25.8
°C/W
RθJB
Junction-to-board thermal resistance
43.8
43.1
17.0
°C/W
ΨJT
Junction-to-top characterization parameter
1.1
1.1
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
43.1
42.5
17.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
3.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TMUX8108, TMUX8109
SCDS435B – SEPTEMBER 2021 – REVISED AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX8108 TMUX8109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com