Electronic Components Datasheet Search
  English  ▼

X  

TMUX8108 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX8108
Description  TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX8108 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX8108 Datasheet HTML 1Page - Texas Instruments TMUX8108 Datasheet HTML 2Page - Texas Instruments TMUX8108 Datasheet HTML 3Page - Texas Instruments TMUX8108 Datasheet HTML 4Page - Texas Instruments TMUX8108 Datasheet HTML 5Page - Texas Instruments TMUX8108 Datasheet HTML 6Page - Texas Instruments TMUX8108 Datasheet HTML 7Page - Texas Instruments TMUX8108 Datasheet HTML 8Page - Texas Instruments TMUX8108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers
with Latch-Up Immunity and 1.8-V Logic
1 Features
• High supply voltage capable:
– Dual supply: ±10 V to ±50 V
– Single supply: 10 V to 100 V
– Asymmetric dual supply operation
• Consistent parametrics across supply voltages
• Latch-up immune
• Low crosstalk: –110 dB
• Low input leakage: 40 pA
• Low on resistance flatness: 0.5 Ω
• Removes need for additional logic rail (VL)
• 1.8 V Logic capable
• Fail-safe logic: up to 48 V independent of supply
• Integrated pull-down resistor on logic pins
• Bidirectional signal path
• Break-before-make switching
• Wide operating temperature TA: –40°C to 125°C
• Industry-standard TSSOP and
smaller WQFN packages
2 Applications
• High voltage bidirectional switching
• Analog and digital multiplexing and demultiplexing
• Semiconductor test equipment
• LCD test equipment
• Battery test equipment
• Data acquisition systems (DAQ)
• Digital multi-meter (DMM)
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules
3 Description
The TMUX8108 and TMUX8109 are modern high
voltage capable analog multiplexers in 8:1 (single
ended) and 4:1 (differential) configurations. The
devices work well with dual supplies, a single supply,
or asymmetric supplies up to a maximum supply
voltage of 100 V. The TMUX810x devices provide
consistent analog parametric performance across the
entire supply voltage range. The TMUX8108 and
TMUX8109 support bidirectional analog and digital
signals on the source (Sx) and drain (Dx) pins.
All logic inputs support logic levels of 1.8 V, 3.3 V, 5V
and can be connected as high as 48 V, allowing for
system flexibility with control signal voltage. Fail-safe
logic circuitry allows voltages on the logic pins to be
applied before the supply pin, protecting the device
from potential damage.
The device family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device. A latch-up
condition typically continues until the power supply
rails are turned off and can lead to device failure.
The latch-up immunity feature allows this family of
multiplexers to be used in harsh environments.
Package Information
PART NUMBER(1)
PACKAGE(2)
PACKAGE SIZE(3)
TMUX8108
TMUX8109
PW (TSSOP, 16)
5 mm × 6.4 mm
RUM (WQFN, 16)
4 mm × 4 mm
(1)
See Device Comparison
(2)
For all available packages, see the orderable addendum at
the end of the data sheet.
(3)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SW
SW
S1
S2
D
VDD
VSS
TMUX8108
SW
S8
Log ic Decoder
A0
A1
A2
EN
SW
SW
S1A
DA
TMUX8109
Log ic Decoder
A0
A1
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
EN
TMUX8108 and TMUX8109 Block Diagram
TMUX8108, TMUX8109
SCDS435B – SEPTEMBER 2021 – REVISED AUGUST 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX8108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX8108 TI-TMUX8108 Datasheet
1Mb / 36P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
1Mb / 37P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
2Mb / 39P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8108 TI-TMUX8108 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
More results

Similar Description - TMUX8108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX8108 TI-TMUX8108 Datasheet
1Mb / 36P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8108 TI-TMUX8108_V01 Datasheet
1Mb / 37P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8108 TI-TMUX8108_V02 Datasheet
2Mb / 39P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8108 TI-TMUX8108_V03 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8108 TI-TMUX8108_V04 Datasheet
2Mb / 40P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX8108 TI1-TMUX8108_V05 Datasheet
2Mb / 43P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED AUGUST 2023
TMUX8108 TI-TMUX8108_V06 Datasheet
2Mb / 43P
TMUX810x 100-V, Flat RON, Single 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com