Electronic Components Datasheet Search
  English  ▼

X  

TXS0101DBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  TXS0101 1-Bit Bidirectional Level-Shifting, Voltage-Level Translator With Auto- Direction-Sensing for Open-Drain and Push-Pull Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0101DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TXS0101DBVT Datasheet HTML 17Page - Texas Instruments TXS0101DBVT Datasheet HTML 18Page - Texas Instruments TXS0101DBVT Datasheet HTML 19Page - Texas Instruments TXS0101DBVT Datasheet HTML 20Page - Texas Instruments TXS0101DBVT Datasheet HTML 21Page - Texas Instruments TXS0101DBVT Datasheet HTML 22Page - Texas Instruments TXS0101DBVT Datasheet HTML 23Page - Texas Instruments TXS0101DBVT Datasheet HTML 24Page - Texas Instruments TXS0101DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
PACKAGE OUTLINE
1.7
1.5
4X 0.5
2X 1
6X
0.3
0.1
0.6 MAX
6X
0.18
0.08
6X
0.4
0.2
0.05
0.00
TYP
6X
0.27
0.15
2X 0 -10
2X 4 -15
1.3
1.1
1.7
1.5
NOTE 3
SOT - 0.6 mm max height
DRL0006A
PLASTIC SMALL OUTLINE
4223266/F 11/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MO-293 Variation UAAD
1
6
PIN 1
ID AREA
3
4
SEATING PLANE
0.05 C
SCALE 8.000
0.1
C A B
0.05
C
SYMM
SYMM
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com