Electronic Components Datasheet Search
  English  ▼

X  

TXS0101DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  TXS0101 1-Bit Bidirectional Level-Shifting, Voltage-Level Translator With Auto- Direction-Sensing for Open-Drain and Push-Pull Applications
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS0101DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TXS0101DBVT Datasheet HTML 9Page - Texas Instruments TXS0101DBVT Datasheet HTML 10Page - Texas Instruments TXS0101DBVT Datasheet HTML 11Page - Texas Instruments TXS0101DBVT Datasheet HTML 12Page - Texas Instruments TXS0101DBVT Datasheet HTML 13Page - Texas Instruments TXS0101DBVT Datasheet HTML 14Page - Texas Instruments TXS0101DBVT Datasheet HTML 15Page - Texas Instruments TXS0101DBVT Datasheet HTML 16Page - Texas Instruments TXS0101DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TXS0101 can be used in level-translation applications for interfacing devices or systems operating at
different interface voltages with one another. The TXS0101 is an excellent choice for use in applications where
an open-drain driver is connected to the data I/Os. The TXS0101 can also be used in applications where a
push-pull driver is connected to the data I/Os, but the TXB0102 might be a better option for such push-pull
applications.
8.2 Typical Application
Data
GND
GND
GND
Data
V
CCA
V
CCB
OE
3.3 V
1.8 V
1.8-V
System
Controller
A
B
3.3-V
System
Figure 8-1. Typical Application Schematic
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
1.65 to 3.6V
Output voltage range
2.3 to 5.5V
8.2.2 Detailed Design Procedure
To begin the design process, determine the following:
• Input voltage range:
– Use the supply voltage of the device that is driving the TXS0101 device to determine the input voltage
range. For a valid logic high the value must exceed the VIH of the input port. For a valid logic low the value
must be less than the VIL of the input port.
• Output voltage range:
– Use the supply voltage of the device that the TXS0101 device is driving to determine the output voltage
range.
– The TXS0101 device has 10kΩ internal pullup resistors. External pullup resistors can be added to reduce
the total RC of a signal trace if necessary.
www.ti.com
TXS0101
SCES638E – OCTOBER 2007 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TXS0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com