Electronic Components Datasheet Search
  English  ▼

X  

AX1113AF Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX1113AF
Description  400mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1113AF Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX1113AF Datasheet HTML 1Page - AXElite technology co. ltd AX1113AF Datasheet HTML 2Page - AXElite technology co. ltd AX1113AF Datasheet HTML 3Page - AXElite technology co. ltd AX1113AF Datasheet HTML 4Page - AXElite technology co. ltd AX1113AF Datasheet HTML 5Page - AXElite technology co. ltd AX1113AF Datasheet HTML 6Page - AXElite technology co. ltd AX1113AF Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1113
ELECTRICAL CHARACTERISTICS
(Under Operating Conditions)
Characteristics
Conditions
Min
Typ
Max Units
Operation Input
Voltage
2.75
-
12
V
Reference Voltage AX1113EF/FF TJ=25°C,(VIN-OUT)=1.5V,
IOUT =10mA
1.225 1.250 1.275
V
Output Voltage
AX1113AF/BF IOUT = 10mA,
TJ = 25°C, 4.8V≦VIN≦12V
3.235 3.300 3.365
V
AX1113CF/DF IOUT = 10mA,
TJ = 25°C, 3.3V≦VIN≦12V
1.764 1.800 1.836
V
AX1113GF/HF
IOUT = 10mA,
TJ = 25°C, 6.5V≦VIN≦12V
4.900 5.000 5.100
V
Line Regulation
(Note 1,2)
IOUT = 10mA, VOUT+1.5V≦VIN≦12V,
TJ = 25°C
-
9
15
mV
Load Regulation
(Note 1,2)
AX1113EF/FF
VIN=3.3V, Vadj=0,10Ma
< IOUT < 0.4A, TJ=25°C
-
-
0.5
%
AX1113AF/BF VIN=5V,10mA≦IOUT≦0.4A,
TJ=25°C
-
-
20
mV
AX1113CF/DF VIN=3.3V,10mA<IOUT<0.4A,
TJ=25°C
-
-
12
mV
AX1113GF/HF VIN=6.5V,10mA
≦
IOUT≦0.4A,
TJ=25°C
-
-
30
mV
Dropout Voltage
(VIN-VOUT)
IOUT = 400mA , VOUT=1%VOUT
-
1.1
1.2
V
Current Limit
(VIN-VOUT) = 2V
0.5
-
-
A
Minimum Load
Current
0°C≦Tj≦125°C
-
5
10
mA
Ripple Rejection
F=120Hz,COUT=25Uf Tantalum, IOUT=400mA
-
60
70
dB
Temperature
Stability
IOUT =10mA
-
0.5
-
%
JA
Thermal
Resistance
Junction-to-Ambient
(Note4)
SOT89
-
160
-
°C/W
JC
Thermal
Resistance
Junction-to-Case
SOT89
-
100
-
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com