Electronic Components Datasheet Search
  English  ▼

X  

AX1113AF Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX1113AF
Description  400mA Low Dropout Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1113AF Datasheet(HTML) 6 Page - AXElite technology co. ltd

  AX1113AF Datasheet HTML 1Page - AXElite technology co. ltd AX1113AF Datasheet HTML 2Page - AXElite technology co. ltd AX1113AF Datasheet HTML 3Page - AXElite technology co. ltd AX1113AF Datasheet HTML 4Page - AXElite technology co. ltd AX1113AF Datasheet HTML 5Page - AXElite technology co. ltd AX1113AF Datasheet HTML 6Page - AXElite technology co. ltd AX1113AF Datasheet HTML 7Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1113
D1
e1
e
D
b1
b
b
80(2x)
1.7
C
0.4
0.9
50(2x)
Land Pattern Recommendation (Unit: mm)
1.5
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.50
1.60
0.055
0.059
0.063
b
0.36
0.42
0.48
0.014
0.016
0.018
b1
0.41
0.49
0.56
0.016
0.019
0.022
C
0.35
0.40
0.45
0.014
0.016
0.018
D
4.30
4.50
4.70
0.169
0.177
0.185
D1
1.35
1.59
1.83
0.053
0.063
0.072
e
2.90
3.00
3.10
0.114
0.118
0.122
e1
1.45
1.50
1.55
0.057
0.059
0.061
E
2.30
2.50
2.70
0.091
0.098
0.106
HE
3.94
-
4.40
0.155
-
0.173
L
0.80
-
1.20
0.031
-
0.047



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com