Electronic Components Datasheet Search
  English  ▼

X  

2801637 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2801637
Description  FLT 50 N/PE CTRL-4.0 - Type 12 combined lightning current and surge arrester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801637 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2801637 Datasheet HTML 1Page - PHOENIX CONTACT 2801637 Datasheet HTML 2Page - PHOENIX CONTACT 2801637 Datasheet HTML 3Page - PHOENIX CONTACT 2801637 Datasheet HTML 4Page - PHOENIX CONTACT 2801637 Datasheet HTML 5Page - PHOENIX CONTACT 2801637 Datasheet HTML 6Page - PHOENIX CONTACT 2801637 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Lightning current arrester with encapsulated N-PE spark gap and ignition electronics, 1-channel.
Voltage protection level: 4 kV Housing width: 17.5 mm (1 pitch)
Commercial data
Item number
2801637
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
NULL
Product key
CL1122
GTIN
4046356909471
Weight per piece (including packing)
188.3 g
Weight per piece (excluding packing)
188 g
Customs tariff number
85363030
Country of origin
IN
FLT 50 N/PE CTRL-4.0 - Type 1+2 combined lightning
current and surge arrester
2801637
https://www.phoenixcontact.com/us/products/2801637
Mar 27, 2025, 12:18 AM
Page 1 (7)


Similar Part No. - 2801637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2801635 PHOENIX-2801635 Datasheet
302Kb / 7P
FLT 35 CTRL-4.0 - Type 12 combined lightning current and surge arrester
More results

Similar Description - 2801637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1168943 PHOENIX-1168943 Datasheet
290Kb / 7P
Type 123 combined lightning current and surge arresters - FLT-SECZP2- 3S-255/12.5
1168946 PHOENIX-1168946 Datasheet
282Kb / 7P
Type 123 combined lightning current and surge arresters - FLT-SECZP2- 3C-255/12.5
1461300 PHOENIX-1461300 Datasheet
399Kb / 9P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/25-11-UT-R
Nov 16, 2022
1461303 PHOENIX-1461303 Datasheet
396Kb / 8P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/25-31-UT
Nov 16, 2022
1461304 PHOENIX-1461304 Datasheet
407Kb / 9P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/25-31-UT-R
Nov 16, 2022
1380654 PHOENIX-1380654 Datasheet
389Kb / 8P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/12.5-11-UT
Nov 16, 2022
1380657 PHOENIX-1380657 Datasheet
399Kb / 9P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/12.5-11-UT-R
Nov 16, 2022
1380661 PHOENIX-1380661 Datasheet
397Kb / 8P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/12.5-31-UT
Nov 16, 2022
1380667 PHOENIX-1380667 Datasheet
407Kb / 9P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/12.5-31-UT-R
Nov 16, 2022
1461299 PHOENIX-1461299 Datasheet
389Kb / 8P
Type 123 combined lightning current and surge arresters - FLT-MB-T1-264/25-11-UT
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com