Electronic Components Datasheet Search
  English  ▼

X  

2801637 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2801637
Description  FLT 50 N/PE CTRL-4.0 - Type 12 combined lightning current and surge arrester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801637 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2801637 Datasheet HTML 1Page - PHOENIX CONTACT 2801637 Datasheet HTML 2Page - PHOENIX CONTACT 2801637 Datasheet HTML 3Page - PHOENIX CONTACT 2801637 Datasheet HTML 4Page - PHOENIX CONTACT 2801637 Datasheet HTML 5Page - PHOENIX CONTACT 2801637 Datasheet HTML 6Page - PHOENIX CONTACT 2801637 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
General
Note
100 % lightning impulse sparkover voltage (1.2/50) µs ≤ 1.5 kV
Product properties
Product type
Combination type
I
IEC test classification
T1
EN type
T1
TT
IEC power supply system
TN-S
Type
DIN rail module, one-piece 
Number of positions
1
Surge protection fault message
none
Insulation characteristics
Overvoltage category
III
Pollution degree
2
Electrical properties
Nominal frequency fN
50 Hz (60 Hz)
Connection data
Connection method
Screw terminal blocks
Screw thread
M5
Tightening torque
4.5 Nm
Stripping length
14.5 mm
Conductor cross section flexible
2.5 mm² ... 25 mm²
Conductor cross section rigid
2.5 mm² ... 35 mm²
Conductor cross section AWG
6 ... 2
Dimensions
Dimensional drawing
Width
17.6 mm
Height
88.6 mm
Depth
66.2 mm
FLT 50 N/PE CTRL-4.0 - Type 1+2 combined lightning
current and surge arrester
2801637
https://www.phoenixcontact.com/us/products/2801637
Mar 27, 2025, 12:18 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com