Electronic Components Datasheet Search
  English  ▼

X  

S2829 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S2829
Description  Phototransistor Subminiature package phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2829 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S2829 Datasheet HTML 1Page - Hamamatsu Corporation S2829 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Subminiature plastic package with lens
l Visible-cut package
l High sensitivity: 1.0 mA (1000 lx)
Applications
l Tape start/end mark sensor for VTRs, cassette tape
recorders, etc.
l Rotary encoders
l Touch screen
PHOTOTRANSISTOR
Phototransistor
Subminiature package phototransistor
S2829
S2829 is a high sensitivity phototransistor molded into a visible-cut plastic package.
IF
Vcc
VO
RL
PULSE INPUT
tr
VO
IF
90 %
10 %
tf
KPTRC0001EA
s Response time measurement circuit
s
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
4
V
Collector current
Ic
20
mA
Collector dissipation
Pc
80
mW
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
Soldering
-
260 °C, 3 s, at least 2.5 mm away from package surface
-
s
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Photocurrent *
Ic
VCE=5 V, 1000 lx
0.3
1.0
-
mA
Dark current
ICEO
VCE=20 V, 0 lx
-
-
100
nA
Collector-emitter saturation voltage
VCE (sat) Ic=0.3 mA, 1000 lx
--
0.4
V
Peak sensitivity wavelength
λp
-
850
-
nm
Rise time
tr
-
2
-
µs
Fall time
tf
Vcc=5 V, Ic=1 mA
RL=100 Ω
-
3
-
µs
* Measured with a CIE standard “A” light source at 2856 K


Similar Part No. - S2829

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2829 HAMAMATSU-S2829_15 Datasheet
192Kb / 4P
Phototransistor
More results

Similar Description - S2829

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QSB363 FAIRCHILD-QSB363 Datasheet
129Kb / 5P
SUBMINIATURE PLASTIC SILICON INFRARED PHOTOTRANSISTOR
QSB363C FAIRCHILD-QSB363C Datasheet
106Kb / 5P
SUBMINIATURE PLASTIC SILICON PHOTOTRANSISTOR
logo
List of Unclassifed Man...
PT15-21C ETC-PT15-21C Datasheet
187Kb / 9P
1206 package phototransistor
logo
Fairchild Semiconductor
QSB363C FAIRCHILD-QSB363C_05 Datasheet
475Kb / 5P
Subminiature Plastic Silicon Infrared Phototransistor
logo
Everlight Electronics C...
PT91-21B EVERLIGHT-PT91-21B_07 Datasheet
188Kb / 9P
1.9mm Round Subminiature Axial Phototransistor
05-22-2007
PT15-21C-TR8 EVERLIGHT-PT15-21C-TR8 Datasheet
218Kb / 10P
1206 Package Phototransistor
07-20-2005
PT17-21B-L41-TR8 EVERLIGHT-PT17-21B-L41-TR8 Datasheet
210Kb / 10P
0805 Package Phototransistor
PT17-21C-L41-TR8 EVERLIGHT-PT17-21C-L41-TR8 Datasheet
216Kb / 10P
0805 Package Phototransistor
EAPST3215Z0 EVERLIGHT-EAPST3215Z0 Datasheet
360Kb / 8P
1206 Package Phototransistor
EAPST3215Z1 EVERLIGHT-EAPST3215Z1 Datasheet
352Kb / 8P
1206 Package Phototransistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com