Electronic Components Datasheet Search
  English  ▼

X  

S2829 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S2829
Description  Phototransistor Subminiature package phototransistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2829 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S2829 Datasheet HTML 1Page - Hamamatsu Corporation S2829 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho,
Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.:
19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2001 Hamamatsu Photonics K.K.
Phototransistor
S2829
Cat. No. KPTR1001E02
Mar. 2001 DN
3.5
5˚
10˚
VISIBLE-CUT RESIN
(BLACK)
3.5
0.6
0.4
2.54
(SPECIFIED AT THE LEAD ROOT)
1.3
1.6
0.72
0.57
0.16
R0.45
10˚
5˚
Tolerance unless otherwise noted: ±0.2, ±2˚
Shaded area indicates burr.
Values in parentheses are not guaranteed,
but for reference.
EMITTER
COLLECTOR
BURR
(Typ. VCE=5 V, E=1000 lx)
AMBIENT TEMPERATURE (˚C)
-25
0
25
50
75
100
140
160
120
100
80
60
40
20
(Typ. Ta=25 ˚C)
WAVELENGTH (nm)
100
80
60
40
20
0
400
500
600
700
800
900
1000 1100 1200
s Spectral response
KPTRB0005EA
s Dimensional outline (unit: mm)
s Collector power dissipation
vs. ambient temperature
AMBIENT TEMPERATURE (˚C)
100
80
60
40
20
0
-25
0
25
50
75
100
KPCB0001EA
s Photocurrent vs.ambient temperature
KPTRB0002EA
s Dark current vs. ambient temperature
(Typ. VCE=20 V)
AMBIENT TEMPERATURE (˚C)
-25
0
25
50
75
100
10 pA
100 pA
1 nA
10 nA
100 nA
1
µA
KPTRB0003EA
KPTRA0001EA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com