Electronic Components Datasheet Search
  English  ▼

X  

2800708 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2800708
Description  SYS N4/I 277/480Y - Surge protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2800708 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2800708 Datasheet HTML 1Page - PHOENIX CONTACT 2800708 Datasheet HTML 2Page - PHOENIX CONTACT 2800708 Datasheet HTML 3Page - PHOENIX CONTACT 2800708 Datasheet HTML 4Page - PHOENIX CONTACT 2800708 Datasheet HTML 5Page - PHOENIX CONTACT 2800708 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Degree of protection
IP66/NEMA 4
Ambient temperature (operation)
-40 °C ... 80 °C
Approvals
UL specifications
Short-circuit current rating (SCCR)
50 kA
UL type
type 2
Nominal discharge current In
20 kA
Maximum Surge Current per Phase
50 kA
Nominal voltage
277/480 V AC (Wye)
Power distribution system
Wye
Standards and regulations
Standards
ANSI/UL 1449:2014 Ed.4+R:17MAR2016
IEC 60643-1
EN 61643-11
Standards/regulations
CAN/CSA-C22.2 No. 8:2013 Ed.5
Mounting
Mounting type
Surface/Panel mounting
SYS N4/I 277/480Y - Surge protection device
2800708
https://www.phoenixcontact.com/us/products/2800708
Mar 27, 2025, 7:31 AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com