Electronic Components Datasheet Search
  English  ▼

X  

2800708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2800708
Description  SYS N4/I 277/480Y - Surge protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2800708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2800708 Datasheet HTML 1Page - PHOENIX CONTACT 2800708 Datasheet HTML 2Page - PHOENIX CONTACT 2800708 Datasheet HTML 3Page - PHOENIX CONTACT 2800708 Datasheet HTML 4Page - PHOENIX CONTACT 2800708 Datasheet HTML 5Page - PHOENIX CONTACT 2800708 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Indoor/outdoor lightning current arrester and TVSS system for 277/480 V Wye system
Product description
Combination lightning current arrester and TVSS for 277/480 V Wye. Components are housed in an IP66/NEMA 4 cabinet and include phase
indicator lamps.
Commercial data
Item number
2800708
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
CL01
Product key
CL1621
Catalog page
Page 69 (C-6-2013)
GTIN
4046356642941
Weight per piece (including packing)
222.22 g
Weight per piece (excluding packing)
222.22 g
Customs tariff number
85363090
Country of origin
US
SYS N4/I 277/480Y - Surge protection device
2800708
https://www.phoenixcontact.com/us/products/2800708
Mar 27, 2025, 7:31 AM
Page 1 (6)


Similar Part No. - 2800708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800703 PHOENIX-2800703 Datasheet
237Kb / 6P
SYS N4 277/480Y - Surge protection device
2800705 PHOENIX-2800705 Datasheet
232Kb / 6P
SYS N4 120/240S - Surge protection device
2800706 PHOENIX-2800706 Datasheet
237Kb / 6P
SYS N4 120/240HLD - Surge protection device
2800707 PHOENIX-2800707 Datasheet
237Kb / 6P
SYS N4 480D - Surge protection device
2800709 PHOENIX-2800709 Datasheet
238Kb / 6P
SYS N4/I 120/208Y - Surge protection device
More results

Similar Description - 2800708

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20_11 Datasheet
246Kb / 1P
20kA Surge Protection Device
logo
StarHope
SPE06SB SPSEMI-SPE06SB Datasheet
775Kb / 2P
Surge & ESD Protection Device
SPE06RB SPSEMI-SPE06RB Datasheet
852Kb / 2P
Surge & ESD Protection Device
SPE06RA SPSEMI-SPE06RA Datasheet
885Kb / 2P
Surge & ESD Protection Device
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20 Datasheet
501Kb / 2P
20kA Surge Protection Device
SPD-10S-277S MEANWELL-SPD-10S-277S Datasheet
98Kb / 4P
10kA Surge Protection Device
logo
Shanghai Leiditech Elec...
P0300SD LEIDITECH-P0300SD Datasheet
1Mb / 4P
Thyristors Surge Protection Device
logo
PHOENIX CONTACT
1334594 PHOENIX-1334594 Datasheet
514Kb / 12P
Surge protection device - TTC-6P-4X1-24-PT-I
Nov 16, 2022
1334595 PHOENIX-1334595 Datasheet
516Kb / 13P
Surge protection device - TTC-6P-2X2-24-PT-I
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com