Electronic Components Datasheet Search
  English  ▼

X  

2800713 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2800713
Description  SYS N4X 277/480Y - Surge protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2800713 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2800713 Datasheet HTML 1Page - PHOENIX CONTACT 2800713 Datasheet HTML 2Page - PHOENIX CONTACT 2800713 Datasheet HTML 3Page - PHOENIX CONTACT 2800713 Datasheet HTML 4Page - PHOENIX CONTACT 2800713 Datasheet HTML 5Page - PHOENIX CONTACT 2800713 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Indoor/outdoor lightning current arrester and TVSS system for 277/480 V Wye system
Product description
Combination lightning current arrester and TVSS for 277/480 V Wye. Components are housed in an IP66/NEMA 4X cabinet.
Commercial data
Item number
2800713
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
CL01
Product key
CL1622
Catalog page
Page 69 (C-6-2013)
GTIN
4046356643290
Weight per piece (including packing)
222.22 g
Weight per piece (excluding packing)
222.22 g
Customs tariff number
85363090
Country of origin
DE
SYS N4X 277/480Y - Surge protection device
2800713
https://www.phoenixcontact.com/us/products/2800713
Mar 27, 2025, 7:33 AM
Page 1 (6)


Similar Part No. - 2800713

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800710 PHOENIX-2800710 Datasheet
233Kb / 6P
SYS N4/I 120/240S - Surge protection device
2800711 PHOENIX-2800711 Datasheet
238Kb / 6P
SYS N4/I 120/240HLD - Surge protection device
2800712 PHOENIX-2800712 Datasheet
238Kb / 6P
SYS N4/I 480D - Surge protection device
2800714 PHOENIX-2800714 Datasheet
239Kb / 6P
SYS N4X 120/208Y - Surge protection device
2800715 PHOENIX-2800715 Datasheet
239Kb / 6P
SYS N4X 120/240S - Surge protection device
More results

Similar Description - 2800713

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20_11 Datasheet
246Kb / 1P
20kA Surge Protection Device
logo
StarHope
SPE06SB SPSEMI-SPE06SB Datasheet
775Kb / 2P
Surge & ESD Protection Device
SPE06RB SPSEMI-SPE06RB Datasheet
852Kb / 2P
Surge & ESD Protection Device
SPE06RA SPSEMI-SPE06RA Datasheet
885Kb / 2P
Surge & ESD Protection Device
SET-SPE06TA SPSEMI-SET-SPE06TA Datasheet
116Kb / 4P
Surge & ESD Protection Device SPE06TA
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20 Datasheet
501Kb / 2P
20kA Surge Protection Device
SPD-10S-277S MEANWELL-SPD-10S-277S Datasheet
98Kb / 4P
10kA Surge Protection Device
logo
ON Semiconductor
NSP2201MR6 ONSEMI-NSP2201MR6 Datasheet
267Kb / 8P
ESD and Surge Protection Device
July, 2019 ??Rev. 0
logo
Shanghai Leiditech Elec...
P0300SD LEIDITECH-P0300SD Datasheet
1Mb / 4P
Thyristors Surge Protection Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com