Electronic Components Datasheet Search
  English  ▼

X  

2800713 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2800713
Description  SYS N4X 277/480Y - Surge protection device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2800713 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2800713 Datasheet HTML 1Page - PHOENIX CONTACT 2800713 Datasheet HTML 2Page - PHOENIX CONTACT 2800713 Datasheet HTML 3Page - PHOENIX CONTACT 2800713 Datasheet HTML 4Page - PHOENIX CONTACT 2800713 Datasheet HTML 5Page - PHOENIX CONTACT 2800713 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Surge protection for NEMA power supply units
IEC test classification
I + II
EN type
T1
Type
Housing for surface mounting
Surge protection fault message
Remote indication contact
Electrical properties
Nominal voltage UN
< 277 V
Fuse
200 kA VSP100, 100 A, 200 kAIC (IR)
General
Power Systems
277/480 V Wye
Connection data
Conductor cross section flexible min.
16 mm²
Conductor cross section flexible max.
35 mm²
Conductor cross section, rigid min.
10 mm²
Conductor cross section, rigid max.
50 mm²
Connection method
Screw connection
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section, rigid min.
0.14 mm²
Conductor cross section, rigid max.
1.5 mm²
Dimensions
Width
400 mm
Height
500 mm
Depth
210 mm
Material specifications
Steel/stainless steel color
Color
black (RAL 9005)
Housing material
Stainless steel 1.4404
Protective circuit
Nominal voltage UN
277/480 V AC (Wye)
Maximum continuous operating voltage UC (L-L)
600 V AC
Maximum continuous operating voltage UC (L-PE)
440 V AC
Follow current interrupt rating Ifi
50 kA
Response time tA
≤ 25 ns
SYS N4X 277/480Y - Surge protection device
2800713
https://www.phoenixcontact.com/us/products/2800713
Mar 27, 2025, 7:33 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com